| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXF-55C3CT bảng dữ liệu(PDF) 1 Page - ILSI America LLC |
|
|
|||||||||||||||||||||||||||||
IXF-55C3CT bảng dữ liệu(HTML) 1 Page - ILSI America LLC |
|
|
1 / 1 page ![]() Crystal Filter IXF Series 3 Lead Metal Package ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 12/06 Specifications subject to change without notice C1 Frequency Range (MHz) 10 MHz to 120 MHz 3 dB Bandwidth ±2 KHz to ±20 KHz, See Table Insertion loss 1.5 dB to 6 dB, depends on frequency and number of poles Ultimate Rejection -35 dB to -80 dB, depends on frequency and number of poles Crystal Cut AT Cut Aging ±5 ppm Max. / Year Standard Temperature Operating -20 ° C to +70° C Standard Storage -40 ° C to +85° C Standard Environmental See Appendix B for information Package Information MSL = N.A., Termination, UM1 = e4 Termination, HC49U = e1 Surface mount and filter module packages are also available, contact ILSI America. * - 2 poles per package, 4 / 6 / 8 poles are matched sets.. ** - Contact ILSI America for additional options. *** - Available at 30 MHz and above. Part Number Guide Sample Part Number: IXF - 10A15AA Filter Frequency ** Package Bandwidth Polls Mode Impedance IXF - 10 = 10.7 MHz A = HC49U 2 = ±2 KHz A = 2 Pole F = Fundamental ** 21 = 21.4 MHz B = UM1 3 = ±3 KHz B = 4 Pole * T = 3 rd Overtone *** 45 = 45.0 MHz C = UM4 4 = ±3.75 KHz C = 6 Pole * 55 = 55.025 MHz D = UM5 6 = ±6 KHz D = 8 Pole * 56 = 55.845 MHz 7 = ±7.5 KHz 58 = 58.1125 MHz 8 = ±8.5 KHz 70 = 70.000 MHz 15 = ±15 KHz 90 = 90.000 MHz 20 = ±20 KHz |
Số phần tương tự - IXF-55C3CT |
|
Mô tả tương tự - IXF-55C3CT |