| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP1682 bảng dữ liệu(PDF) 2 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AP1682 bảng dữ liệu(HTML) 2 Page - BCD Semiconductor Manufacturing Limited |
|
2 / 11 page ![]() Data Sheet Single Stage Primary Side Regulation PFC Controller For LED Driver AP1682 Dec. 2011 Rev. 1. 1 BCD Semiconductor Manufacturing Limited 2 Pin Configuration M Package (SOIC-8) Figure 2. Pin Configuration of AP1682 (Top View) Pin Description Pin Number Pin Name Function 1 NC No connection 2 VS The rectified input voltage sensing pin. The pin is detecting the instantaneous rectified sine waveform of input voltage 3 VPK The rectified input voltage peak value sensing pin. The pin is detecting the rectified sine waveform peak value of input voltage 4 CS Primary current sensing 5 FB This pin captures the feedback voltage from the auxiliary winding. FB voltage is used to control no load output voltage and determine acceleration stop point at start-up phase 6 GND Ground. Current return for gate driver and control circuits of the IC 7 OUT Gate driver output 8 VCC Supply voltage of gate driver and control circuits of the IC 1 2 3 4 8 7 6 5 NC VS VPK CS FB GND OUT VCC |