| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AH49F bảng dữ liệu(PDF) 3 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AH49F bảng dữ liệu(HTML) 3 Page - BCD Semiconductor Manufacturing Limited |
|
3 / 10 page ![]() Preliminary Datasheet LINEAR HALL EFFECT IC AH49F Jun. 2011 Rev. 1. 1 BCD Semiconductor Manufacturing Limited 3 Functional Block Diagram Figure 3. Functional Block Diagram of AH49F Ordering Information AH49F - Circuit Type Package Z3: TO-92S N: SOT-23-3 Part Number Marking ID Package Temperature Range Lead Free Green Lead Free Green Packing Type TO-92S AH49FZ3-E1 AH49FZ3-G1 49FE 49FG Bulk SOT-23-3 -40 to 105 °C AH49FNTR-G1 GT6 Tape & Reel BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant and green. Blank: Bulk TR: Tape & Reel E1: Lead Free G1: Green |