| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
K3HB-R bảng dữ liệu(PDF) 8 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
K3HB-R bảng dữ liệu(HTML) 8 Page - Omron Electronics LLC |
|
8 / 32 page ![]() 8 Rotary Pulse Indicator K3HB-R F2 Absolute ratio Multiples input B divided by input A ( ) by 100 and displays the ratio as a percentage (%). Display unit: % Measuring the speed ratio between two rollers F3 Error ratio Multiplies the error between input A and input B ( −1) by 100 and displays the ratio as a percentage (%). Display unit: % Measuring the line speed error ratio between two conveyors F4 Rotational difference Displays the difference between input A and input B (B - A) as the rotation (rpm) speed error or circumferential speed error. Display unit: rpm, rps, rph, Hz, kHz, mm/s, m/s m/min, km/h l/min, l/h, etc. Measuring the rotation (rpm)/circumferential speed error (absolute error) between two conveyors F5 Flow rate ratio Displays the flow rate ratio of B from inputs A and B ( ) as a ratio (%). Display unit: % Monitoring liquid mixture flow rate ratio F6 Passing time Passing time (s) = 1/ƒa × α ƒa: Input frequency (Hz) Set the prescale value for the desired display unit using the following table for reference. N = Pulses per rotation πd = Circumferential length per rotation (m) L = Length of process (m) Displaying the passing time for a conveyor line Function Operation Operation image (application) B A H HH PASS L LL Warning B A Communications output (remote monitoring) To computer æ ç ç ç ç è ö ÷ ÷ ÷ ÷ ø H HH PASS L LL Warning B A+B Linear output Recording meter Calculation Display unit Prescale value ( α) Passing time s L/( πd/N) H PASS L Warning output Distance |