công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST26025A bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện ST26025A
Giải thích chi tiết về linh kiện  Smart power solutions for car body applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26025A bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button ST26025A Datasheet HTML 10Page - STMicroelectronics ST26025A Datasheet HTML 11Page - STMicroelectronics ST26025A Datasheet HTML 12Page - STMicroelectronics ST26025A Datasheet HTML 13Page - STMicroelectronics ST26025A Datasheet HTML 14Page - STMicroelectronics ST26025A Datasheet HTML 15Page - STMicroelectronics ST26025A Datasheet HTML 16Page - STMicroelectronics ST26025A Datasheet HTML 17Page - STMicroelectronics ST26025A Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
Special devices
Part number
Package
Driver stages
Operating
range
VCC (V)
Max supply
voltage
VCC (V)
Highlights
Description
L9700D-E
SO‑8
Six‑channel limiter
4.75 to 5.25
20
Fast active clamping
Limiter
L9686MD
SO‑8
Relay driver for car direction
indicator
8 to 18
Lamp failure detection
Load dump protected
Indicator driver
L99MC6
PowerSSO‑16
3 configurable HSD/LSD
6 to 28
40
RDS(on) = 0.7 Ω at Tj = 25 °C
Various loads driver
H‑bridge configuration
3 low‑side switches
VN1160-E
DPAK
Power switch for motorbike
direction indicator
9 to 16
40
Lamp failure detection
Indicator reverse battery protected
Motorbike indicator driver
VN1160-1-E
IPAK
Power switch for motorbike
direction indicator
9 to 16
40
Lamp failure detection
Indicator reverse battery protected
Motorbike indicator driver
VN1160C-E
DPAK
Power switch for motorbike
direction indicator
9 to 16
40
Lamp failure detection
Indicator reverse battery protected
Motorbike indicator driver
VN1160C-1-E
IPAK
Power switch for motorbike
direction indicator
9 to 16
40
Lamp failure detection
Indicator reverse battery protected
Motorbike indicator driver
Special devices — Reverse battery
Part number
Package
Operating range
VCC (V)
Max supply voltage
VCC (V)
Max on-state
resistance RDS(on) (max)
(mΩ)
Description
VN5R003H-E
HPAK
4.5 to 28
41
3
Reverse‑battery protection for an electronic control unit
Special devices — Integrated solenoid driver - Injection gas system
Part number
Package
Operating range
VCC (V)
Max supply
voltage VCC (V)
Max on-state resistance RDS(on) (mΩ)
Ipeak (A)
Clamp voltage
(min) (V)
Description
Excitation path
Recirculation path
L99SD01-E (*)
PowerSSO‑36
6 to 28
40
60
60
14
44
Current‑sense amplifier with internal sense resistor
(*) in development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com