| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WLSD bảng dữ liệu(PDF) 32 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLSD bảng dữ liệu(HTML) 32 Page - Omron Electronics LLC |
|
32 / 42 page ![]() WL WL 32 Operation LIght-ON when operating (See note 1.) WL-LE WL-LD Power supply Built-in switch Load Internal circuit Light-ON when not operating (See note 2.) WL-LD Power supply Built-in switch Internal circuit WL-LE Load Note: 1. Light-ON when operating means that the lamp lights when the Limit Switch contacts (NC) release, or when the actuator rotates or is pushed down. 2. Light-ON when not operating means the lamp remains lit when the actuator is free, or when the Limit Switch contacts (NO) close when the actuator rotates or is pushed down. Ordering Information When ordering general-purpose indicator-equipped models insert the specifications number at the end of the basic model number. E.g.: When a neon lamp is installed in a General-purpose/Standard Roller Lever Switch (WLCA2). WLCA2 LE "" Standard Lamp specifications When ordering indicator-equipped molded terminal models, insert the specifications number at the end of the standard model number. E.g.: When a Neon Lamp (WL-LE) is installed in a general-purpose molded terminal model (WLCA2-139). WLCA2-139 LE 2 """ Standard Lamp Lamp 2: NC connection: Light-ON when operating specifications wiring 3: NO connection: Light-ON when not operating Note: The indicator cover cannot be replaced on the molded terminals. In all cases the indicator does not light when the load is ON. Dimensions/Operating Characteristics Roller Lever WLCA2-LE Note: Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions. OF max. 13.34 N RF min. 2.23 N PT 15°±5° OT min. 30° MD max. 12° 17.5 dia. × 7 Stainless steel roller Four, M3.5 M5 × 12 Allen-head bolt holes Three, M4 × 13 JIS B0202 G1/2 Effective thread: 4 threads min. Four, M6 Depth: 15 min 60 max. 42 max. Note: Stainless steel roller Four, 5.2 +0.2 0 dia. holes |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |