| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8783GED/RV bảng dữ liệu(PDF) 11 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8783GED/RV bảng dữ liệu(HTML) 11 Page - Wolfson Microelectronics plc |
|
11 / 17 page ![]() Production Data WM8783 w PD, August 2010, Rev 4.0 11 The digital audio interface supports many common sample rates, as detailed in Table 1. The required MCLK frequency in each case is also noted. The WM8783 will automatically determine the MCLK / fs ratio according to the supplied LRCLK and MCLK inputs. Note that the BCLK frequency is 64 x fs in all cases. SAMPLE RATE MCLK MCLK RATIO 8kHz 2.048MHz 256 x fs 16kHz 4.096MHz 256 x fs 32kHz 8.192MHz 256 x fs 44.1kHz 11.2896MHz 256 x fs 48kHz 12.288MHz 256 x fs 88.2kHz 11.2896MHz 128 x fs 96kHz 12.288MHz 128 x fs Table 1 Digital Audio Interface Clocking The WM8783 supports 24-bit stereo operation in I2S digital audio format. In I2S mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition, as illustrated in Figure 5. The other bits up to the LSB are then transmitted in order. Note that there are unused BCLK cycles between the LSB of one sample and the MSB of the next. Note that BCLK is generated internally and is not transmitted or received externally to the WM8783. Figure 5 I2S Digital Audio Interface format (assuming n-bit word length) |