công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPC564A bảng dữ liệu(PDF) 39 Page - Freescale Semiconductor, Inc

tên linh kiện XPC564A
Giải thích chi tiết về linh kiện  Evaluation system supporting Freescale MPC564xA microprocessors
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC564A bảng dữ liệu(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button XPC564A Datasheet HTML 35Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 36Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 37Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 38Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 39Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 40Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 41Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 42Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
xPC564A EVB User Manual
35
J10 – WKPCFG Configuration
Controls whether specified eTPU and eMIOS pins on the processor are
configured with weak pull-up or a weak pull-down when the processor comes
out of reset
J22 – PLLREF Configuration
Controls the clock source the processor uses: a crystal source or an external
source
1+2
The PLLCFG1 pin on the processor is pulled up
2+3 (default)
The PLLCFG1 pin on the processor is pulled down
Jumper Setting
Effect
1+2
Pins are configured as weak pull‐up
2+3 (default)
Pins are configured as weak pull‐down
Jumper Setting
Effect
1+2 (default)
The MPC564xA processor uses a crystal clock source
2+3
The MPC564xA processor uses an external clock 
source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67