| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XLT08DFN bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
XLT08DFN bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 4 page ![]() © 2006 Microchip Technology Inc. DS51194P-page 21 Transition Socket Specification RECOMMENDED PCB LAYOUT The recommended target board footprint layout for different pin-counts is shown here. FIGURE 12: 6-PIN SOT, 8-PIN DFN FIGURE 13: 16-PIN QFN FIGURE 14: 28-PIN QFN FIGURE 15: 44-PIN QFN XLT06SOT 6-lead SOT-23 to 0.80-inch Adapter Socket XLT08DFN2 8/14-lead DIP to 0.025-inch Adapter Socket 16 mils 24 mils 50 mils 24 mils 11 mils 26 mils 24 mils 11 mils 26 mils 16 mils 13 mils 26 mils 0.90 0.80 0.30 UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN INCHES. TOP VIEW SIDE VIEW 1.50 DVA Pin 1 DFN Pin 1 0.90 1.35 0.30 0.30 UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN INCHES. TOP VIEW SIDE VIEW 0.24 2.37 0.09 DVA Pin 1: Location of 8- or 14-lead DIP pin 1 |