| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4076BD bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4076BD bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 24 page ![]() Package mechanical data HCC4xxx 10/24 Doc ID 17102 Rev 3 Figure 2. Ceramic Flat-14 mechanical drawings Note: The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the package. Connecting unused pins or metal lid to ground or to the power supply will not affect the electrical characteristics. Table 4. Ceramic Flat-14 mechanical data Dim mm Min Typ Max A 6.75 6.91 7.06 B 9.76 9.95 10.14 C 1.49 1.95 D 0.10 0.127 0.15 E 7.50 7.62 7.75 F 1.27 G 0.38 0.43 0.48 H 6.0 L 18.75 en 22.0 M 0.38 N 4.31 016029E 1 7 8 14 F G D H A B M N H C L E |