| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCC4028BK bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4028BK bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 24 page ![]() Note: Contact ST sales office for information about the specific conditions for other CMOS4000 part numbers and product in die form HCC4514B Rad-hard 4-bit Latch / 4-to-16 line decoder output high 100 krad (Si) ESCC - 9408/012 Flat-24 - DIL-24 HCC4515B Rad-hard 4-bit Latch / 4-to-16 line decoder output low - 9205/011 Flat-24 - DIL-24 HCC4516B Rad-hard presettable 4-bit binary up/down counter - 9204/045 Flat-16 - DIL-16 HCC4520B Rad-hard dual binary up-down counter - 9204/028 Flat-16 - DIL-16 HCC4532B Rad-hard 8-input priority encoder - 9202/065 Flat-16 - DIL-16 HCC4538B Rad-hard dual precision monostable multivibrator - 9207/007 Flat-16 - DIL-16 HCC4555B Rad-hard dual 1-of-4 decoder/demux output high Y 9408/011 Flat-16 - DIL-16 HCC4556B Rad-hard dual 1-of-4 decoder/demux output low - 9408/025 Flat-16 - DIL-16 Table 1. Device summary (continued) Part number Description Radiation level Agency qualification EPPL ESCC specification Package |