| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M54HC138 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC138 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 29 page ![]() 1 M54HC and M54HCT families overview Table 1. Device summary Part number Description Radiation level Agency qualification EPPL ESCC specification Package Vcc Vin range Other features Temp. range Min Max M54HC00 Rad-hard quad 2-input NAND gate 50 krad (Si) ESCC Y 9201/105 Flat-14 - DIL-14 2.0 6.0 0 to Vcc -55 °C to 125 °C M54HC02 Rad-hard quad 2-input NOR gate Y 9201/113 Flat-14 - DIL-14 2.0 6.0 M54HC03 Rad-hard quad 2-input NAND open drain Y 9201/114 Flat-14 - DIL-14 2.0 6.0 M54HC04 Rad-hard Hex inverter Y 9401/033 Flat-14 - DIL-14 2.0 6.0 M54HCU04 Rad-hard Hex inverter single stage - - 9401/055 Flat-14 - DIL-14 4.5 5.5 Unbuffered output M54HC08 Rad-hard quad 2-input AND gate 50 krad (Si) Y 9201/106 Flat-14 - DIL-14 2.0 6.0 M54HC10 Rad-hard triple 3-input NAND gate Y 9201/107 Flat-14 - DIL-14 2.0 6.0 M54HC11 Rad-hard triple 3-input AND gate Y 9201/117 Flat-14 - DIL-14 2.0 6.0 M54HC14 Rad-hard Hex Schmitt inverter Y 9409/007 Flat-14 - DIL-14 2.0 6.0 M54HC20 Rad-hard dual 4-input NAND gate Y 9201/118 Flat-14 - DIL-14 2.0 6.0 M54HC21 Rad-hard dual 4-input AND gate Y 9201/108 Flat-14 - DIL-14 2.0 6.0 M54HC27 Rad-hard triple 3-input NOR gate Y 9201/109 Flat-14 - DIL-14 2.0 6.0 |