| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7407D bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7407D bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 34 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) TDA7407D 24/34 S = Start ACK = Acknowledge AZ = AutoZero-Remain T = Testing I = Autoincrement P = Stop MAX CLOCK SPEED 500kbits/s The transmitted data is automatically updated after each ACK. Transmission can be repeated without new chip address. 7.2 Auto increment If bit I in the subaddress byte is set to "1", the autoincrement of the subaddress is enabled. Table 11. TRANSMITTED DATA (send mode) SM = Soft mute activated ST = Stereo X = Not Used Table 12. SUBADDRESS (receive mode) MSB LSB XXXX ST SM XX MSB LSB FUNCTION I3 I2 I1 I0 A3 A2 A1 A0 0 1 AutoZero Remain off on 0 1 Testmode off on 0 1 Auto Increment Mode off on 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Input Multiplexer Volume Treble Bass Speaker attenuator LF Speaker attenuator RF Speaker attenuator LR Speaker attenuator RR Soft Mute / Bass Prog. Stereodecoder Noiseblanker High Cut Control Fieldstrength & Quality Configuration EEPROM Testing New Quality/Control Middle Filter Obsolete Product(s) - Obsolete Product(s) |