công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMSF4P01HD bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MMSF4P01HD
Giải thích chi tiết về linh kiện  SINGLE TMOS POWER FET 4.0 AMPERES 12 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF4P01HD bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MMSF4P01HD Datasheet HTML 1Page - Motorola, Inc MMSF4P01HD Datasheet HTML 2Page - Motorola, Inc MMSF4P01HD Datasheet HTML 3Page - Motorola, Inc MMSF4P01HD Datasheet HTML 4Page - Motorola, Inc MMSF4P01HD Datasheet HTML 5Page - Motorola, Inc MMSF4P01HD Datasheet HTML 6Page - Motorola, Inc MMSF4P01HD Datasheet HTML 7Page - Motorola, Inc MMSF4P01HD Datasheet HTML 8Page - Motorola, Inc MMSF4P01HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS P-Channel
Field Effect Transistors
MiniMOS
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process.
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain–to–source diode has a very low reverse recovery time.
MiniMOS devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc–dc converters, and power management in
portable and battery powered products such as computers,
printers, cellular and cordless phones. They can also be used for
low voltage motor controls in mass storage products such as disk
drives and tape drives.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)(1)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
12
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
12
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 8.0
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
5.1
3.3
26
Adc
Apk
Total Power Dissipation @ TA = 25°C (2)
PD
2.5
Watts
Operating and Storage Temperature Range
– 55 to 150
°C
Thermal Resistance — Junction to Ambient (2)
R
θJA
50
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
DEVICE MARKING
S4P01
(1) Negative sign for P–Channel device omitted for clarity.
(2) Mounted on 2” square FR4 board (1” sq. 2 oz. Cu 0.06” thick single sided), 10 sec. max.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMSF4P01HDR2
13
″
12 mm embossed tape
2500 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s, HDTMOS and MiniMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Order this document
by MMSF4P01HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
D
S
G
CASE 751–05, Style 13
SO–8
MMSF4P01HD
SINGLE TMOS POWER FET
4.0 AMPERES
12 VOLTS
RDS(on) = 0.08 OHM
Motorola Preferred Device
™
N–C
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 5


Số phần tương tự - MMSF4P01HD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MMSF4P01HD ONSEMI-MMSF4P01HD Datasheet
264Kb / 12P
Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF4P01HDR2 ONSEMI-MMSF4P01HDR2 Datasheet
264Kb / 12P
Power MOSFET
Sep, 2004 ??Rev. XXX
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
P-Channel 12-V (D-S) MOSFET
More results

Mô tả tương tự - MMSF4P01HD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MMDF2C01HD MOTOROLA-MMDF2C01HD Datasheet
372Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2P01HD MOTOROLA-MMDF2P01HD Datasheet
284Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MTB4N80E MOTOROLA-MTB4N80E Datasheet
195Kb / 10P
TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTB4N80E1 MOTOROLA-MTB4N80E1 Datasheet
160Kb / 8P
TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTD4N20E MOTOROLA-MTD4N20E Datasheet
268Kb / 10P
TMOS POWER FET 4.0 AMPERES 200 VOLTS RDS(on) = 1.2 OHM
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MTP4N40E MOTOROLA-MTP4N40E Datasheet
239Kb / 8P
TMOS POWER FET 4.0 AMPERES 400 VOLTS RDS(on) = 1.8 OHM
MTP4N50E MOTOROLA-MTP4N50E Datasheet
254Kb / 8P
TMOS POWER FET 4.0 AMPERES 500 VOLTS RDSon = 1.5 OHMS
MTP4N80E MOTOROLA-MTP4N80E Datasheet
159Kb / 8P
TMOS POWER FET 4.0 AMPERES 800 VOLTS RDS(on) = 3.0 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com