công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADuM5210ARSZ bảng dữ liệu(PDF) 14 Page - Analog Devices

tên linh kiện ADuM5210ARSZ
Giải thích chi tiết về linh kiện  Dual-Channel Isolators with Integrated DC-to-DC Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADuM5210ARSZ bảng dữ liệu(HTML) 14 Page - Analog Devices

Back Button ADuM5210ARSZ Datasheet HTML 10Page - Analog Devices ADuM5210ARSZ Datasheet HTML 11Page - Analog Devices ADuM5210ARSZ Datasheet HTML 12Page - Analog Devices ADuM5210ARSZ Datasheet HTML 13Page - Analog Devices ADuM5210ARSZ Datasheet HTML 14Page - Analog Devices ADuM5210ARSZ Datasheet HTML 15Page - Analog Devices ADuM5210ARSZ Datasheet HTML 16Page - Analog Devices ADuM5210ARSZ Datasheet HTML 17Page - Analog Devices ADuM5210ARSZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADuM5210/ADuM5211/ADuM5212
Data Sheet
Rev. 0 | Page 14 of 24
1
2
3
4
20
19
18
17
5
16
6
15
7
14
8
9
10
13
12
11
ADuM5212
TOP VIEW
(Not to Scale)
GNDP
VOB
VOA
VDD1
GNDP
GNDP
NC
PDIS
VDDP
GNDP
VDD2
GNDISO
GNDISO
GNDISO
GNDISO
VIA
VIB
NC
VSEL
VISO
NOTES
1. PINS LABELED NC CAN BE ALLOWED
TO FLOAT OR CAN BE CONNECTED
TO THE GROUND. AVOID CONNECTING
THEM TO HIGH SPEED SIGNALS
TO MINIMIZE CAPACITIVE COUPLING
OF NOISE.
Figure 5. ADuM5212 Pin Configuration
Table 23. ADuM5212 Pin Function Descriptions
Pin No.
Mnemonic Description
1
VDD1
Power Supply for the Side 1 Logic Circuits of the Device. It is independent of VDDP and can operate between 3.0 V
and 5.5 V.
2, 5, 6, 10
GNDP
Ground Reference for Isolator Side 1. All of these pins are internally connected, and it is recommended that all GNDP
pins be connected to a common ground.
3
VOA
Logic Output A.
4
VOB
Logic Output B.
7, 14
NC
This pin is not connected internally (see Figure 5).
8
PDIS
Power Disable. When this pin is tied to a logic low, the power converter is active; when tied to a logic high, the
power supply enters a low power standby mode.
9
VDDP
Primary isoPower Supply Voltage, 3.0 V to 5.5 V.
11, 15, 16, 19 GNDISO
Ground Reference for Isolator Side 2. All of these pins are internally connected, and it is recommended that all GNDISO
pins be connected to a common ground.
12
VISO
Secondary Supply Voltage Output for External Loads, 3.3 V (VSEL Low) or 5.0 V (VSEL High).
13
VSEL
Output Voltage Select. Provide a thermally matched resistor network between VISO and GNDISO to divide the
required output voltage to match the 1.25 V reference voltage. VISO voltage can be programmed up to 20%
higher or 75% lower than VDDP but must be within the allowed output voltage range.
17
VIB
Logic Input B.
18
VIA
Logic Input A.
20
VDD2
Power Supply for the Side 2 Logic Circuits of the Device. It is independent of VISO and can operate between 3.0 V
and 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com