| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP5586ACBZ-03-R7 bảng dữ liệu(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5586ACBZ-03-R7 bảng dữ liệu(HTML) 31 Page - Analog Devices |
|
31 / 44 page ![]() Data Sheet ADP5586 Rev. 0 | Page 31 of 44 GPO_DATA_OUT_B, Register 0x24 Table 45. GPO_DATA_OUT_B Bit Descriptions Bits Bit Name Access Description [7:5] Reserved Reserved Reserved. 4 GPO_11_DATA Read/write 0 = sets output low. 1 = sets output high. 3 GPO_10_DATA Read/write 0 = sets output low. 1 = sets output high. 2 GPO_9_DATA Read/write 0 = sets output low. 1 = sets output high. 1 GPO_8_DATA Read/write 0 = sets output low. 1 = sets output high. 0 GPO_7_DATA Read/write 0 = sets output low. 1 = sets output high. GPO_OUT_MODE_A, Register 0x25 Table 46. GPO_OUT_MODE_A Bit Descriptions Bits Bit Name Access Description [7:6] Reserved Reserved Reserved. 5 GPO_6_OUT_MODE Read/write 0 = push-pull. 1 = open drain. 4 GPO_5_OUT_MODE Read/write 0 = push-pull. 1 = open drain. 3 GPO_4_OUT_MODE Read/write 0 = push-pull. 1 = open drain. 2 GPO_3_ OUT_MODE Read/write 0 = push-pull. 1 = open drain. 1 GPO_2_OUT_MODE Read/write 0 = push-pull. 1 = open drain. 0 GPO_1_OUT_MODE Read/write 0 = push-pull. 1 = open drain. GPO_OUT_MODE_B, Register 0x26 Table 47. GPO_OUT_MODE_B Bit Descriptions Bits Bit Name Access Description [7:5] Reserved Reserved Reserved. 4 GPO_11_OUT_MODE Read/write 0 = push-pull. 1 = open drain. 3 GPO_10_OUT_MODE Read/write 0 = push-pull. 1 = open drain. 2 GPO_9_OUT_MODE Read/write 0 = push-pull. 1 = open drain. 1 GPO_8_OUT_MODE Read/write 0 = push-pull. 1 = open drain. 0 GPO_7_OUT_MODE Read/write 0 = push-pull. 1 = open drain. |