| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP5586ACBZ-00-R7 bảng dữ liệu(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5586ACBZ-00-R7 bảng dữ liệu(HTML) 40 Page - Analog Devices |
|
40 / 44 page ![]() ADP5586 Data Sheet Rev. 0 | Page 40 of 44 INT_EN, Register 0x3E Table 71. INT_EN Bit Descriptions Bits Bit Name Access Description [7:5] Reserved Reserved Reserved. 4 LOGIC_IEN Read/write 0 = Logic 1 interrupt is disabled. 1 = asserts the INT pin if the LOGIC_INT bit is set (Register 0x01, Bit 4). 3 Reserved Reserved Reserved. 2 OVRFLOW_IEN Read/write 0 = overflow interrupt is disabled. 1 = asserts the INT pin if the OVRFLOW_INT bit is set (Register 0x01, Bit 2). 1 GPI_IEN Read/write 0 = GPI interrupt is disabled. 1 = asserts the INT pin if the GPI_INT is set (Register 0x01, Bit 1). 0 EVENT_IEN Read/write 0 = event interrupt is disabled. 1 = asserts the INT pin if the EVENT_INT is set (Register 0x01, Bit 0). |