| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6482HTR bảng dữ liệu(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6482HTR bảng dữ liệu(HTML) 69 Page - STMicroelectronics |
|
69 / 73 page ![]() L6482 Programming manual Doc ID 023768 Rev 2 69/73 9.2.20 GetStatus The GetStatus command returns the Status register value. The GetStatus command resets the STATUS register warning flags. The command forces the system to exit from any error state. The GetStatus command DOES NOT reset the HiZ flag. Table 66. GetStatus command structure Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 11 01 00 00 from host STATUS MSByte to host STATUS LSByte to host |