| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6482H bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6482H bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 73 page ![]() L6482 Programming manual Doc ID 023768 Rev 2 55/73 The TCC parameter defines the deadtime duration between the gate turn-off and the opposite gate turn-on sequences (Section 6.16). The TBLANK parameter defines the duration of the blanking of the current sensing comparators (stall detection and overcurrent) after each commutation (Section 6.16). 9.1.20 CONFIG The CONFIG register has the following structure: The OSC_SEL and EXT_CLK bits set the system clock source: Table 32. TDT parameter TDT [4..0] Deadtime [ns] 0 000 0 125 0 000 1 250 ⇓⇓ ⇓⇓⇓ ⇓ 1 111 0 3875 1 111 1 4000 Table 33. TBLANK parameters TBLANK [2..0] Blanking time [ns] 00 0 125 00 1 250 ⇓⇓ ⇓ ⇓ 11 0 875 11 1 1000 Table 34. CONFIG register Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 PRED_E TSW VCCVAL UVLOVAL Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 OC_SD RESERVED EN_TQREG SW_MOD E EXT_CLK OSC_SEL |