| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OR4E4 bảng dữ liệu(PDF) 2 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR4E4 bảng dữ liệu(HTML) 2 Page - Agere Systems |
|
2 / 124 page ![]() Table of Contents Contents Page Contents Page 2 Lucent Technologies Inc. Preliminary Data Sheet December 2000 ORCA Series 4 FPGAs Programmable Features............................................. 1 System Features .........................................................4 Product Description .....................................................6 Architecture Overview .............................................6 Programmable Logic Cells ..........................................7 Programmable Function Unit ...................................8 Look-Up Table Operating Modes ..........................11 Supplemental Logic and Interconnect Cell ............21 PLC Latches/Flip-Flops .........................................25 Embedded Block RAM ..............................................27 EBR Features ........................................................27 Routing Resources ...................................................31 Clock Distribution Network ........................................31 Primary Clock Nets ................................................31 Secondary Clock and Control Nets .......................31 Edge Clock Nets ....................................................31 Programmable Input/Output Cells .............................31 Programmable I/O .................................................31 Inputs .....................................................................34 Special Function Blocks ............................................38 Microprocessor Interface (MPI) .................................48 Embedded System Bus (ESB) ..................................49 Phase-Locked Loops.................................................52 FPGA States of Operation.........................................55 Initialization ............................................................56 Configuration .........................................................56 Start-Up .................................................................56 Reconfiguration .....................................................60 Partial Reconfiguration ..........................................60 Other Configuration Options ..................................60 Bit Stream Error Checking .....................................62 FPGA Configuration Modes.......................................62 Master Parallel Mode.............................................63 Master Serial Mode ...............................................64 Asynchronous Peripheral Mode ............................65 Microprocessor Interface Mode .............................66 Slave Serial Mode .................................................70 Slave Parallel Mode...............................................70 Daisy Chaining ......................................................71 Daisy-Chaining with Boundary Scan .....................72 Absolute Maximum Ratings.......................................72 Recommended Operating Conditions .......................73 Electrical Characteristics ...........................................73 Pin Information ..........................................................75 Pin Descriptions.....................................................75 Package Compatibility ...........................................78 Package Thermal Characteristics Summary ...........118 ΘJA ......................................................................118 ψJC ......................................................................118 ΘJC......................................................................118 ΘJB ......................................................................118 Package Thermal Characteristics............................119 Package Coplanarity ...............................................119 Package Parasitics ..................................................119 Package Outline Diagrams......................................120 Terms and Definitions..........................................120 Package Outline Drawings ......................................121 352-Pin PBGA .....................................................121 432-Pin EBGA .....................................................122 680-Pin PBGAM ..................................................123 Ordering Information................................................124 Figure Page Figure 1. Series 4 Top-Level Diagram ........................7 Figure 2. PFU Ports .....................................................9 Figure 3. Simplified PFU Diagram .............................10 Figure 4. Simplified F4 and F5 Logic Modes .............12 Figure 5. Simplified F6 Logic Modes .........................13 Figure 6. MUX 4 x 1...................................................13 Figure 7. MUX 8 x 1...................................................14 Figure 8. Softwired LUT Topology Examples.............15 Figure 9. Ripple Mode ...............................................16 Figure 10. Counter Submode ....................................17 Figure 11. Multiplier Submode...................................18 Figure 12. Memory Mode ..........................................19 Figure 13. Memory Mode Expansion Example—128 x 8 RAM ........................................21 Figure 14. SLIC All Modes Diagram ..........................22 Figure 15. Buffer Mode ..............................................23 Figure 16. Buffer-Buffer-Decoder Mode ....................23 Figure 17. Buffer-Decoder-Buffer Mode ....................24 Figure 18. Buffer-Decoder-Decoder Mode ................24 Figure 19. Decoder Mode ..........................................25 Figure 20. Latch/FF Set/Reset Configurations ..........26 Figure 21. EBR Read and Write Cycles with Write Through ................................................29 Figure 22. Series 4 PIO Image from ORCA Foundry ......................................................33 Figure 23. ORCA High-Speed I/O Banks ..................36 Figure 24. PIO Shift Register.....................................38 Figure 25. Printed-Circuit Board with Boundary- Scan Circuitry ........................................................39 Figure 26. Boundary-Scan Interface..........................40 Figure 27. ORCA Series Boundary-Scan Circuitry Functional Diagram .................................43 Figure 28. TAP Controller State Transition Diagram .................................................................44 Figure 29. Boundary-Scan Cell .................................45 Figure 30. Instruction Register Scan Timing Diagram .................................................................46 Figure 31. PLL_VF External Requirements...............53 Figure 32. PLL Naming Scheme ...............................54 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |