công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATTL7583DF bảng dữ liệu(PDF) 20 Page - Agere Systems

tên linh kiện ATTL7583DF
Giải thích chi tiết về linh kiện  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

ATTL7583DF bảng dữ liệu(HTML) 20 Page - Agere Systems

Back Button ATTL7583DF Datasheet HTML 12Page - Agere Systems ATTL7583DF Datasheet HTML 13Page - Agere Systems ATTL7583DF Datasheet HTML 14Page - Agere Systems ATTL7583DF Datasheet HTML 15Page - Agere Systems ATTL7583DF Datasheet HTML 16Page - Agere Systems ATTL7583DF Datasheet HTML 17Page - Agere Systems ATTL7583DF Datasheet HTML 18Page - Agere Systems ATTL7583DF Datasheet HTML 19Page - Agere Systems ATTL7583DF Datasheet HTML 20Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Lucent Technologies Inc. reserves the right to make changes to the product(s) or information contained herein without notice. N o liability is assumed as a result of their use or application. No
rights under any patent accompany the sale of any such product(s) or information.
Copyright © 2001 Lucent Technologies Inc.
All Rights Reserved
February 2001
DS01-111ALC (Replaces DS00-052ALC)
For additional information, contact your Microelectronics Group Account Manager or the following:
INTERNET:
http://www.lucent.com/micro
E-MAIL:
docmaster@micro.lucent.com
N. AMERICA:
Microelectronics Group, Lucent Technologies Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA PACIFIC: Microelectronics Group, Lucent Technologies Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256
Tel. (65) 778 8833, FAX (65) 777 7495
CHINA:
Microelectronics Group, Lucent Technologies (China) Co., Ltd., A-F2, 23/F, Zao Fong Universe Building, 1800 Zhong Shan Xi Road, Shanghai
200233 P. R. China Tel. (86) 21 6440 0468, ext. 325, FAX (86) 21 6440 0652
JAPAN:
Microelectronics Group, Lucent Technologies Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan
Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700
EUROPE:
Data Requests: MICROELECTRONICS GROUP DATALINE: Tel. (44) 7000 582 368, FAX (44) 1189 328 148
Technical Inquiries: GERMANY: (49) 89 95086 0 (Munich), UNITED KINGDOM: (44) 1344 865 900 (Ascot),
FRANCE: (33) 1 40 83 68 00 (Paris), SWEDEN: (46) 8 594 607 00 (Stockholm), FINLAND: (358) 9 3507670 (Helsinki),
ITALY: (39) 02 6608131 (Milan), SPAIN: (34) 1 807 1441 (Madrid)
Ordering Information
*Devices on tape and reel must be ordered in 1000-piece increments.
Device Part No.
Description
Package
Comcode
ATTL7583AAJ -D
Line Card Access Switch
28-Pin SOG (Dry-bagged)
107338626
ATTL7583AAJ-DT*
Line Card Access Switch
28-Pin SOG (Tape & Reel, Dry-bagged)
107338659
ATTL7583AF
Line Card Access Switch
24-Pin DIP
107338592
ATTL7583BAJ-D
Line Card Access Switch
28-Pin SOG (Dry-bagged)
107394355
ATTL7583BAJ-DT*
Line Card Access Switch
28-Pin SOG (Tape & Reel, Dry-bagged)
107411563
ATTL7583BF
Line Card Access Switch
24-Pin DIP
107394306
ATTL7583CAJ-D
Line Card Access Switch
28-Pin SOG (Dry-bagged)
107602229
ATTL7583CAJ-DT*
Line Card Access Switch
28-Pin SOG (Tape & Reel, Dry-bagged)
107602245
ATTL7583CF
Line Card Access Switch
24-Pin DIP
107602278
ATTL7583DAJ-D
Line Card Access Switch
28-Pin SOG (Dry-bagged)
107602328
ATTL7583DAJ-DT*
Line Card Access Switch
28-Pin SOG (Tape & Reel, Dry-bagged)
107602344
ATTL7583DF
Line Card Access Switch
24-Pin DIP
107602377



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com