công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATTL7583CF bảng dữ liệu(PDF) 6 Page - Agere Systems

tên linh kiện ATTL7583CF
Giải thích chi tiết về linh kiện  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

ATTL7583CF bảng dữ liệu(HTML) 6 Page - Agere Systems

Back Button ATTL7583CF Datasheet HTML 2Page - Agere Systems ATTL7583CF Datasheet HTML 3Page - Agere Systems ATTL7583CF Datasheet HTML 4Page - Agere Systems ATTL7583CF Datasheet HTML 5Page - Agere Systems ATTL7583CF Datasheet HTML 6Page - Agere Systems ATTL7583CF Datasheet HTML 7Page - Agere Systems ATTL7583CF Datasheet HTML 8Page - Agere Systems ATTL7583CF Datasheet HTML 9Page - Agere Systems ATTL7583CF Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Lucent Technologies Inc.
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Electrical Characteristics (continued)
Table 7. Ring Test Return Switch, 5
* Applied voltage is 100 Vp-p square wave at 100 Hz.
Table 8. Ringing Test Switch, 6
* Choice of secondary protector and series current-limit resistor should ensure these ratings are not exceeded.
† Applied voltage is 100 Vp-p square wave at 100 Hz.
Parameter
Test Condition
Measure
Min
Typ Max Unit
OFF-state Leakage Current:
+25 °C
+85 °C
–40 °C
Vswitch (differential) = –320 V to Gnd
Vswitch (differential) = –60 V to +260 V
Vswitch (differential) = –330 V to Gnd
Vswitch (differential) = –60 V to +270 V
Vswitch (differential) = –310 V to Gnd
Vswitch (differential) = –60 V to +250 V
Iswitch
Iswitch
Iswitch
—
—
—
—
—
—
1
1
1
µA
µA
µA
ON-resistance
Iswitch (on) = ±0 mA, ±10 mA
∆ VON
—50
100
Ω
Isolation:
+25 °C
+85 °C
–40 °C
Vswitch (both poles) = ±320 V,
Logic inputs = Gnd
Vswitch (both poles) = ±330 V,
Logic inputs = Gnd
Vswitch (both poles) = ±310 V,
Logic inputs = Gnd
Iswitch
Iswitch
Iswitch
—
—
—
—
—
—
1
1
1
µA
µA
µA
dV/dt Sensitivity*
——
—
200
—
V/µs
Parameter
Test Condition
Measure
Min
Typ Max Unit
OFF-state Leakage Current:
+25 °C
+85 °C
–40 °C
Vswitch (differential) = –60 V to +190 V
Vswitch (differential) = +60 V to –190 V
Vswitch (differential) = –60 V to +200 V
Vswitch (differential) = +60 V to –200 V
Vswitch (differential) = –60 V to +180 V
Vswitch (differential) = +60 V to –180 V
Iswitch
Iswitch
Iswitch
—
—
—
—
—
—
1
1
1
µA
µA
µA
ON-resistance
Iswitch (on) = ±70 mA, ±80 mA
∆ VON
——
20
Ω
ON Voltage
Iswitch (on) = ±1 mA
—
—
—
1.5
V
Steady-state Current*
—
—
—
—
100
mA
Release Current
—
—
—
500
—
µA
Isolation:
+25 °C
+85 °C
–40 °C
Vswitch (both poles) = ±320 V,
Logic inputs = Gnd
Vswitch (both poles) = ±330 V,
Logic inputs = Gnd
Vswitch (both poles) = ±310 V,
Logic inputs = Gnd
Iswitch
Iswitch
Iswitch
—
—
—
—
—
—
1
1
1
µA
µA
µA
dV/dt Sensitivity†
——
—
200
—
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com