| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7005 bảng dữ liệu(PDF) 17 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
7005 bảng dữ liệu(HTML) 17 Page - Aeroflex Circuit Technology |
|
17 / 29 page ![]() Aeroflex Circuit Technology SCD7005 REV B 8/2/01 Plainview NY (516) 694-6700 17 Operation RD WT DS AD3 AD2 AD1 AD0 BC AND RT MODE No Operation-l/O Bus Tri-stated x x 1 x x x x Read Operation Reg. High Byte *P 1000 01 Read Operation Reg. Low Byte P 1000 00 Write Operation Reg. High Byte 1 P 0 0 0 0 1 Write Operation Reg. Low Byte 1 P 0 0 0 0 0 Read Output FIFO (High Byte First) P 1 0 1 1 1 0 Write Input FIFO (High Byte First) 1 P 0 1 1 1 0 Execute Operation (Load/Unload RAM) 1 P 0 1 0 0 0 Execute Operation with Repeat 1 P 0 1 0 1 0 Reset Input FIFO 1 P 0 1 0 1 1 Reset Output FIFO 1 P 0 1 1 0 1 Reset Input and Output FIFOS 1 P 0 1 1 0 0 RT MODE ONLY Read RT Command Word Reg. High Byte P 1 0 0 1 0 1 Read RT Command Word Reg. LowByte P 1 0 0 1 0 0 Read Receive Command Reg. High Byte P 1 0 0 0 1 1 Read Receive Command Reg. LowByte P 1 0 0 0 1 0 Read SYNC Data Reg. High Byte P 1 0 0 1 1 1 Read SYNC Data Reg. Low Byte P 1 0 0 1 1 0 Write Vector Word Reg. High Byte 1 P 0 0 1 1 1 Write Vector Word Reg. Low Byte 1 P 0 0 1 1 0 *P = Active Low Strobe Note: When operating in 8-bit mode it is recommended that FIFO access be confined to even numbers of Read or Write operations only. Failure to conform to this can result in incorrect data being transferred to internal RAM. BC MODE ONLY Read Status Word #1 Reg. High Byte P 1000 11 Read Status Word #1 Reg. Low Byte P 1000 10 Read Status Word #2/RMD Reg. High Byte P 1001 11 Read Status Word #2/RMD Reg. Low Byte P 1001 10 Write Command Word #1 Reg. High Byte 1 P 0 0 0 1 1 Write Command Word #1 Reg. Low Byte 1 P 0 0 0 1 0 Write Command Word #2/AMD Reg. High Byte 1 P 0 0 1 1 1 Write Command Word #2/AMD Reg. Low Byte 1 P 0 0 1 1 0 Trigger Transaction 1 P 010 01 Table 9 – 8-Bit Mode I/O Operations |