| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT-SF512K32 bảng dữ liệu(PDF) 8 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT-SF512K32 bảng dữ liệu(HTML) 8 Page - Aeroflex Circuit Technology |
|
8 / 11 page ![]() Aeroflex Circuit Technology SCD3852 REV A 5/20/98 Plainview NY (516) 694-6700 8 FWE OE FCE Data Addresses 5.0V 5555H PA Data Polling PA D7 DOUT PD AOH tWHWH1 tAH tAS tDH tCPH tCP tDS tWS tWC tGHWL Notes: 1. PA is the address of the memory location to be programmed. 2. PD is the data to be programmed at byte address. 3. D7 is the 0utput of the complement of the data written to the device. 4. DOUT is the output of the data written to the device. 5. Figure indicates last two bus cycles of four bus cycle sequence. Write/Erase/Program Operation for Flash Memory, FCE Controlled |