| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ARF441 bảng dữ liệu(PDF) 4 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
ARF441 bảng dữ liệu(HTML) 4 Page - Advanced Power Technology |
|
4 / 4 page ![]() 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) BSC 4.50 (.177) Max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) Dimensions in Millimeters and (Inches) ARF44O SOURCE GATE DRAIN 3.55 (.138) 3.81 (.150) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) BSC 4.50 (.177) Max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 3.55 (.138) 3.81 (.150) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) SOURCE DRAIN GATE Dimensions in Millimeters and (Inches) ARF44E 5.45 (.215) BSC 2-Plcs. 5.45 (.215) BSC 2-Plcs. ARF440/441 CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. TO-247AD Package Outline NOTE: The ARF440 and ARF441 comprise a symmetric pair of RF power transistors and meet the same electrical specifications. The device pin-outs are the mirror image of each other to allow ease of use as a push-pull pair. ARF441 ARF440 USA 405 S.W. Columbia Street Bend, Oregon 97702-1035 Phone: (541) 382-8028 FAX: (541) 388 -0364 EUROPE Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord F-33700 Merignac - France Phone: (33) 5 57 92 15 15 FAX: (33) 5 56 47 97 61 |