| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC6930 bảng dữ liệu(PDF) 27 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6930 bảng dữ liệu(HTML) 27 Page - Linear Technology |
|
27 / 28 page ![]() LTC6995-1/LTC6995-2 27 699512f For more information www.linear.com/6995 Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. package DescripTion 1.50 – 1.75 (NOTE 4) 2.80 BSC 0.30 – 0.45 6 PLCS (NOTE 3) DATUM ‘A’ 0.09 – 0.20 (NOTE 3) S6 TSOT-23 0302 2.90 BSC (NOTE 4) 0.95 BSC 1.90 BSC 0.80 – 0.90 1.00 MAX 0.01 – 0.10 0.20 BSC 0.30 – 0.50 REF PIN ONE ID NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. JEDEC PACKAGE REFERENCE IS MO-193 3.85 MAX 0.62 MAX 0.95 REF RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR 1.4 MIN 2.62 REF 1.22 REF S6 Package 6-Lead Plastic TSOT-23 (Reference LTC DWG # 05-08-1636) Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings. |