công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML2002-2U bảng dữ liệu(PDF) 6 Page - Minilogic Device Corporation Limited

tên linh kiện ML2002-2U
Giải thích chi tiết về linh kiện  Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINILOGIC [Minilogic Device Corporation Limited]
Trang chủ  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002-2U bảng dữ liệu(HTML) 6 Page - Minilogic Device Corporation Limited

Back Button ML2002-2U Datasheet HTML 2Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 3Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 4Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 9Page - Minilogic Device Corporation Limited ML2002-2U Datasheet HTML 10Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
P6/13
Version 0.6 Preliminary, Sept 2011
ML2002 Preliminary
Chip Size :
Part Number Description
Chip Size
ML2002-1U
One ML2002 LCD driver
3660 x 660
ML2002-2U
Two ML2002 LCD driver
7320 x 660
Chip Thickness : 700 um + 25 um
Gold Bump Pad Size : 32 um x 72 um
Gold Bump Height : 18 um + 2 um
Note :
The die faces up in the diagram
Pad Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13