| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMSOP-77GP bảng dữ liệu(PDF) 7 Page - Advanced Monolithic Systems |
|
|
|||||||||||||||||||||||||||||
AMSOP-77GP bảng dữ liệu(HTML) 7 Page - Advanced Monolithic Systems |
|
7 / 7 page ![]() Advanced Monolithic Systems, Inc. www.advanced-monolithic.com Phone (925) 443-0722 Fax (925) 443-0723 AMSOP-77 PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted. 8 LEAD SOIC PLASTIC PACKAGE (S) 8 LEAD PLASTIC DIP PACKAGE (P) 0°-8° TYP 0.010-0.020 (0.254-0.508) S (SO-8 ) AMS DRW# 042293 x 45° 0.016-0.050 (0.406-1.270) 0.008-0.010 (0.203-0.254) 0.004-0.010 (0.101-0.254) 0.014-0.019 (0.355-0.483) 0.053-0.069 (1.346-1.752) 0.050 (1.270) TYP 0.150-0.157** (3.810-3.988) 0.228-0.244 (5.791-6.197) 0.189-0.197* (4.801-5.004) *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE 12 3 4 87 6 5 0.045-0.065 (1.143-1.651) 0.255±0.015* (6.477±0.381) 0.400* (10.160) MAX 12 3 4 87 6 5 0.130±0.005 (3.302±0.127) 0.018±0.003 (0.457±0.076) 0.100±0.010 (2.540±0.254) (8.255 ) +0.635 -0.381 0.325 +0.025 -0.015 0.009-0.015 (0.229-0.381) 0.300-0.325 (7.620-8.255) 0.065 (1.651) TYP 0.005 (0.127) MIN 0.125 (3.175) MIN 0.015 (0.380) MIN *DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTUSIONS. MOLD FLASH OR PROTUSIONS SHALL NOT EXCEED 0.010" (0.254mm) P (8L PDIP ) AMS DRW# 042294 |