| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP37FT9 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
TMP37FT9 bảng dữ liệu(HTML) 4 Page - Analog Devices |
|
4 / 16 page ![]() REV. C TMP35/TMP36/TMP37 –4– TEMPERATURE – C 1.4 0 1.2 1.0 0.8 0.6 0.4 0.2 1.6 1.8 2.0 50 25 0 25 50 75 100 125 a b c a. TMP35 b. TMP36 c. TMP37 VS = 3V TPC 1. Output Voltage vs. Temperature a. MAXIMUM LIMIT (G GRADE) b. TYPICAL ACCURACY ERROR c. MINIMUM LIMIT (G GRADE) TEMPERATURE – C 2 5 1 0 1 2 3 4 3 4 5 020 40 60 80 100 120 140 a b c TPC 2. Accuracy Error vs. Temperature TEMPERATURE – C 0.4 0.3 0 50 125 25 0 25 50 75 100 0.2 0.1 V+ = 3V to 5.5V, NO LOAD TPC 3. Power Supply Rejection vs. Temperature FREQUENCY – Hz 100 0.01 20 100k 100 1k 10k 31.6 10 3.16 1 0.32 0.1 0.032 TPC 4. Power Supply Rejection vs. Frequency TEMPERATURE – C 4 3 0 2 1 5 50 125 25 0 25 50 75 100 b a MINIMUM SUPPLY VOLTAGE REQUIRED TO MEET DATA SHEET SPECIFICATION NO LOAD a. TMP35/TMP36 b. TMP37 TPC 5. Minimum Supply Voltage vs. Temperature TEMPERATURE – C 50 40 10 30 20 60 50 125 25 0 25 50 75 100 NO LOAD b a a. V+ = 5V b. V+ = 3V TPC 6. Supply Current vs. Temperature – Typical Performance Characteristics |