công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMP04 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện SMP04
Giải thích chi tiết về linh kiện  CMOS Quad Sample-and-Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

SMP04 bảng dữ liệu(HTML) 5 Page - Analog Devices

  SMP04 Datasheet HTML 1Page - Analog Devices SMP04 Datasheet HTML 2Page - Analog Devices SMP04 Datasheet HTML 3Page - Analog Devices SMP04 Datasheet HTML 4Page - Analog Devices SMP04 Datasheet HTML 5Page - Analog Devices SMP04 Datasheet HTML 6Page - Analog Devices SMP04 Datasheet HTML 7Page - Analog Devices SMP04 Datasheet HTML 8Page - Analog Devices SMP04 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Typical Performance Characteristics–SMP04
–5–
REV. D
INPUT VOLTAGE – Volts
5
3
–5
01
10
23
4
5
6
7
8
9
1
–1
–3
0
VDD = +12V
VSS = 0V
Figure 2. Droop Rate vs. Input
Voltage (TA = +25°C)
TEMPERATURE – C
3
–3
–55 –35
125
–15
5
25
65
85
105
45
2
1
0
–1
–2
VDD = +12V
VSS = 0V
VIN = +5V
Figure 5. Hold Step vs. Temperature
INPUT VOLTAGE – Volts
20
5
–20
01
10
23
456
7
8
9
15
10
–5
–15
0
–10
VDD = +12V
VSS = 0V
RL =
RL = 10k
RL = 20k
Figure 8. Offset Voltage vs. Input
Voltage (TA = +125°C)
INPUT VOLTAGE – Volts
1800
1200
600
01
10
23
45
6
7
8
9
1600
1400
1000
800
VDD = +12V
VSS = 0V
Figure 3. Droop Rate vs. Input
Voltage (TA = +125°C)
7
6
3
10
11
18
12
13
14
15
16
17
5
4
VDD – Volts
TA = +25 C
VSS = 0V
–SR
+SR
Figure 6. Slew Rate vs. VDD
INPUT VOLTAGE – Volts
4
–10
01
10
2
3
456
7
8
9
2
0
–2
–4
–6
–8
VDD = +12V
VSS = 0V
RL =
RL = 20k
RL = 10k
Figure 9. Offset Voltage vs. Input
Voltage (TA = –55°C)
TEMPERATURE – C
10000
1000
0
–55 –35
125
–15
5
25
65
85 105
45
100
10
VDD = +12V
VSS = 0V
VIN = +5V
RL = 10k
Figure 1. Droop Rate vs. Temperature
INPUT VOLTAGE – Volts
3
0
–3
01
10
2
3
456
7
8
9
2
1
–1
–2
TA = +25 C
VDD = +12V
VSS = 0V
Figure 4. Hold Step vs. Input Voltage
INPUT VOLTAGE – Volts
2
–1
–4
01
10
23
4
5
6
7
8
9
1
0
–2
–3
VDD = +12V
VSS = 0V
RL =
RL = 10k
RL = 20k
Figure 7. Offset Voltage vs. Input
Voltage (TA = +25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15