| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OP37GZ bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP37GZ bảng dữ liệu(HTML) 6 Page - Analog Devices |
|
6 / 16 page ![]() REV. A OP37 –6– Typical Electrical Characteristics OP37NT OP37N OP37GT OP37G OP37GR Parameter Symbol Conditions Typical Typical Typical Typical Typical Unit Average Input Offset Voltage Drift TCVOS or Nulled or TCVOSN Unnulled RP = 8 k Ω to 20 k Ω 0.2 0.2 0.3 0.3 0.4 µV/°C Average Input Offset Current Drift TCIOS 80 80 130 130 180 pA/ °C Average Input Bias Current Drift TCIB 100 100 160 160 200 pA/ °C Input Noise Voltage Density en fO = 10 Hz 3.5 3.5 3.5 3.5 3.8 nV/ √Hz fO = 30 Hz 3.1 3.1 3.1 3.1 3.3 nV/ √Hz fO = 1000 Hz 3.0 3.0 3.0 3.0 3.2 nV/ √Hz Input Noise Current Density in fO = 10 Hz 1.7 1.7 1.7 1.7 1.7 pA/ √ Hz fO = 30 Hz 1.0 1.0 1.0 1.0 1.0 pA/ √ Hz fO = 1000 Hz 0.4 0.4 0.4 0.4 0.4 pA/ √ Hz Input Noise Voltage en p-p 0.1 Hz to 10 Hz 0.08 0.08 0.08 0.08 0.09 µV p-p Slew Rate SR RL ≥ 2k Ω 17 17 17 17 17 V/ µs Gain Bandwidth Product GBW fO = 10 kHz 63 63 63 63 63 MHz (VS = 15 V, TA = 25 C, unless otherwise noted.) |