| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OP37EP bảng dữ liệu(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP37EP bảng dữ liệu(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() REV. A OP37 –14– OP37 are free of bias-current transients upon power up or power down. However, it is always advantageous to control the speed of power supply rise and fall, to eliminate transients. In addition, the dc resistance of the head should be carefully controlled, and preferably below 1 k Ω. For this configuration, the bias-current induced offset voltage can be greater than the 170 pV maximum offset if the head resistance is not sufficiently controlled. A simple, but effective, fixed-gain transformerless microphone preamp (Figure 10) amplifies differential signals from low imped- ance microphones by 50 dB, and has an input impedance of 2 k Ω. Because of the high working gain of the circuit, an OP37 helps to preserve bandwidth, which will be 110 kHz. As the OP37 is a decompensated device (minimum stable gain of 5), a dummy resistor, RP, may be necessary, if the microphone is to be unplugged. Otherwise the 100% feedback from the open input may cause the amplifier to oscillate. OP37 + – R3 316k Rp 30k R1 1k R4 316k R2 1k R7 10k R6 100 OUTPUT R3 R1 R4 R2 = LOW IMPEDANCE MICROPHONE INPUT (Z = 50 TO 200 ) C1 5 F Figure 10. TBD Common-mode input-noise rejection will depend upon the match of the bridge-resistor ratios. Either close-tolerance (0.1%) types should be used, or R4 should be trimmed for best CMRR. All resistors should be metal-film types for best stability and low noise. Noise performance of this circuit is limited more by the input resistors R1 and R2 than by the op amp, as R1 and R2 each generate a 4 nV √Hz noise, while the op amp generates a 3.2 nV√Hz noise. The rms sum of these predominant noise sources will be about 6 nV √Hz, equivalent to 0.9 µV in a 20 kHz noise bandwidth, or nearly 61 dB below a l mV input signal. Measurements confirm this predicted performance. For applications demanding appreciably lower noise, a high quality microphone-transformer-coupled preamp (Figure 11) incorporates the internally compensated. T1 is a JE-115K-E 150 Ω/15 kΩ transformer which provides an optimum source resistance for the OP27 device. The circuit has an overall gain of 40 dB, the product of the transformer’s voltage setup and the op amp’s voltage gain. Gain may be trimmed to other levels, if desired, by adjusting R2 or R1. Because of the low offset voltage of the OP27, the output offset of this circuit will be very low, 1.7 mV or less, for a 40 dB gain. The typical output blocking capacitor can be eliminated in such cases, but is desirable for higher gains to eliminate switching transients. A1 OP27 R3 100 R1 121 R2 1100 C2 1800pF OUTPUT 150 SOURCE T1* T1 – JENSEN JE – 115K – E JENSEN TRANSFORMERS 10735 BURBANK BLVD. N. HOLLYWOOD, CA 91601 * Figure 11. TBD Capacitor C2 and resistor R2 form a 2 µs time constant in this circuit, as recommended for optimum transient response by the transformer manufacturer. With C2 in use, A1 must have unity-gain stability. For situations where the 2 µs time con- stant is not necessary, C2 can be deleted, allowing the faster OP37 to be employed. Some comment on noise is appropriate to understand the capability of this circuit. A 150 Ω resistor and R1 and R2 gain resistors connected to a noiseless amplifier will generate 220 nV of noise in a 20 kHz bandwidth, or 73 dB below a 1 mV reference level. Any practical amplifier can only approach this noise level; it can never exceed it. With the OP27 and T1 specified, the additional noise degradation will be close to 3.6 dB (or –69.5 referenced to 1 mV). References 1. Lipshitz, S.P, “On RIAA Equalization Networks,” JAES, Vol. 27, June 1979, p. 458-4S1. 2. Jung, W.G., IC Op Amp Cookbook, 2nd Ed., H.W. Sams and Company, 1980. 3. Jung, W.G., Audio /C Op Amp Applications, 2nd Ed., H.W. Sams and Com- pany, 1978. 4. Jung, W.G., and Marsh, R.M., “Picking Capacitors.” Audio, February & March, 1980. 5. Otala, M., “Feedback-Generated Phase Nonlinearity in Audio Amplifiers,” London AES Convention, March 1980, preprint 197B. 6. Stout, D.F., and Kaufman, M., Handbook of Operational Amplifier Circuit Design, New York, McGraw Hill, 1976. |