| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OP284EP bảng dữ liệu(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP284EP bảng dữ liệu(HTML) 2 Page - Analog Devices |
|
2 / 20 page ![]() OP184/OP284/OP484–SPECIFICATIONS ELECTRICAL CHARACTERISTICS Parameter Symbol Conditions Min Typ Max Units INPUT CHARACTERISTICS Offset Voltage “OP184/284E” Grade VOS (Note 1) 65 µV –40 °C ≤ T A ≤ +125°C 165 µV Offset Voltage “OP184/284F” Grade VOS 125 µV –40 °C ≤ T A ≤ +125°C 350 µV Offset Voltage “OP484E” Grade VOS 75 µV –40 °C ≤ T A ≤ +125°C 175 µV Offset Voltage “OP484F” Grade VOS 150 µV –40 °C ≤ T A ≤ +125°C 450 µV Input Bias Current IB 60 350 nA –40 °C ≤ T A ≤ +125°C 575 nA Input Offset Current IOS 250 nA –40 °C ≤ T A ≤ +125°C50 nA Input Voltage Range 0+5 V Common-Mode Rejection Ratio CMRR VCM = 0 V to 5 V 60 dB Common-Mode Rejection Ratio CMRR VCM = 1.0 V to 4.0 V, –40 °C ≤ T A ≤ +125°C86 dB Large Signal Voltage Gain AVO RL = 2 k Ω, 1 V ≤ V O ≤ 4 V 50 240 V/mV RL = 2 kΩ, –40°C ≤ TA ≤ +125°C 25 V/mV Bias Current Drift ∆I B/ ∆T 150 pA/ °C OUTPUT CHARACTERISTICS Output Voltage High VOH IL = 1.0 mA +4.85 V Output Voltage Low VOL IL = 1.0 mA 125 mV Output Current IOUT ±6.5 mA POWER SUPPLY Power Supply Rejection Ratio PSRR VS = +2.0 V to +10 V, –40 °C ≤ T A ≤ +125°C76 dB Supply Current/Amplifier ISY VO = 2.5 V, –40 °C ≤ T A ≤ +125°C 1.45 mA Supply Voltage Range VS +3 +36 V DYNAMIC PERFORMANCE Slew Rate SR RL = 2 kΩ 1.65 2.4 V/ µs Settling Time ts To 0.01%, 1.0 V Step 2.5 µs Gain Bandwidth Product GBP 3.25 MHz Phase Margin Øo 45 Degrees NOISE PERFORMANCE Voltage Noise en p-p 0.1 Hz to 10 Hz 0.3 µV p-p Voltage Noise Density en f = 1 kHz 3.9 nV/ √Hz Current Noise Density in 0.4 pA/ √Hz NOTES 1Input Offset Voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power. Specifications subject to change without notice. REV. 0 –2– (@ VS = +5.0 V, VCM = 2.5 V, TA = +25 C unless otherwise noted) |