| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25SW bảng dữ liệu(PDF) 22 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25SW bảng dữ liệu(HTML) 22 Page - ITT Industries |
|
22 / 62 page ![]() Cannon Combo-D, Solder Cup Military/High Reliability Receptacle, Solder cup, sizes DE-DC, with empty size 8 cavities C-22 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change C • For contact cavity arrangements, see page C-43. • Size 8 contacts, please refer to Combo D catalog. Empty size 8 contact cavities with solder pot termination INDUSTRIAL MILITARY/HI-REL NON-MAGNETIC/LOW OUTGASSING** Shell P/N with P/N with P/N with size Layout through hole through hole through hole DE 2W2 DEM2W2SA197 DEMM2W2S DEM2W2SNMBK52 DE 2WK2 DEM2WK2SA197 DEMM2WK2S DEM2WK2SNMBK52 DE 5W1 DEM5W1SA197 DEMM5W1S DEM5W1SNMBK52 DA 7W2 DAM7W2SA197 DAMM7W2S DAM7W2SNMBK52 DA 11W1 DAM11W1SA197 DAMM11W1S DAM11W1SNMBK52 DA 3W3 DAM3W3SA197 DAMM3W3S DAM3W3SNMBK52 DA 3WK3 DAM3WK3SA197 DAMM3WK3S DAM3WK3SNMBK52 DB 5W5 DBM5W5SA197 DBMM5W5S DBM5W5SNMBK52 DB 9W4 DBM9W4SA197 DBMM9W4S DBM9W4SNMBK52 DB 13W3 DBM13W3SA197 DBMM13W3S DBM13W3SNMBK52 DB 17W2 DBM17W2SA197 DBMM17W2S DBM17W2SNMBK52 DB 21W1 DBM21W1SA197 DBMM21W1S DBM21W1SNMBK52 DC 8W8 DCM8W8SA197 DCMM8W8S DCM8W8SNMBK52 DC 13W6 DCM13W6SA197 DCMM13W6S DCM13W6SNMBK52 DC 17W5 DCM17W5SA197 DCMM17W5S DCM17W5SNMBK52 DC 21WA4 DCM21WA4SA197 DCMM21WA4S DCM21WA4SNMBK52 DC 25W3 DCM25W3SA197 DCMM25W3S DCM25W3SNMBK52 DC 27W2 DCM27W2SA197 DCMM27W2S DCM27W2SNMBK52- DD 24W1 DDM24W1SA197 DDMM24W1S DDM24W1SNMBK52 DD 36W4 DDM36W4SA197 DDMM36W4S DDM36W4SNMBK52 DD 43W2 DDM43W2SA197 DDMM43W2S DDM43W2SNMBK52 DD 47W1 DDM47W1SA197 DDMM47W1S DDM47W1SNMBK52 *For clinch nut 4-40 UNC thread add "E", for float mount add "Y" after D*M designation (Ex. DCMME27W2P, DGMY27W2PK87) 2W2/2WK2, 3W3/3WK3 (keyed) 5W5 and 8W8 without signal contacts. ** Hardware Modifier not allowed on Non-Magnetic/Low Outgassing Versions; consult factory for more information Shell A B C D E F W K L size ± 0,38 (.015) ± 0,13 (.005) ± 0,13 (.005) ± 0,13 (.005) ± 0,38 (.015) ± 0,25 (.010) ± 0,38 (.015) ± 0,317 (.0125) ± 0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DA 39,14 (1.541) 24,65 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2,500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2,406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) Dimensions Receptacle A C B 10˚ A1 A2 ITT CANNON 7W2S 1 2 3 4 5 ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 22 |