| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM3565 bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM3565 bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 35 page ![]() Torch EN Pin High? Standby Torch High? Shutdown Torch High? Torch Active Output EN Bit = µ1¶? External Torch? Assist? Start Assist Strobe EN Bit = µ1¶? Strobe Pin High? Strobe Start? Y Y Y Y Y Y Y Y N N N N N N N N N N Output EN Bit = µ1¶? Assist Active Output EN Bit = µ1¶? Torch High? N N Y Y Y Y Y Y Y N PWM Strobe EN? N Level Strobe? Strobe Start? Current Reduction Strobe Pin Low? PWM Strobe EN? N Y Y N Y Strobe Pin High? N N Low Vin EN Bit = µ1¶? Current Reduction Y Low Vin Detected? Y Start Flash Start Timeout Timer Current Reduction Clear Output Enable Bit Y Strobe Pin Low? N Time-Out Done? Strobe Pin High? Note 1 Note 1: Flash time-out is always checked during flash. Flash is terminated when time-out is done. TX-Mask EN Bit = µ1¶? Current Reduction Y N TX-Mask Pin High? Y Y LM3565 www.ti.com SNVS957 – JANUARY 2013 Control State Diagram Copyright © 2013, Texas Instruments Incorporated 25 Product Folder Links: LM3565 |