công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD7472 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện EVAL-AD7472
Giải thích chi tiết về linh kiện  Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7472 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button EVAL-AD7472 Datasheet HTML 2Page - Analog Devices EVAL-AD7472 Datasheet HTML 3Page - Analog Devices EVAL-AD7472 Datasheet HTML 4Page - Analog Devices EVAL-AD7472 Datasheet HTML 5Page - Analog Devices EVAL-AD7472 Datasheet HTML 6Page - Analog Devices EVAL-AD7472 Datasheet HTML 7Page - Analog Devices EVAL-AD7472 Datasheet HTML 8Page - Analog Devices EVAL-AD7472 Datasheet HTML 9Page - Analog Devices EVAL-AD7472 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EVAL-AD7472CB
–6–
REV. A
SOCKETS
There are four input sockets relevant to the operation of the
AD7472 on this evaluation board. The function of these
sockets is outlined in Table IV.
Table IV. Socket Functions
Socket
Function
SK1
Sub-Miniature BNC Socket for external clock
input.
SK2
Sub-Miniature BNC Socket for external
CONVST input.
SK3
Sub-Miniature BNC Socket for Bipolar ana-
log input The AD7472 can only accept analog
inputs in the range 0 V to REFIN. Bipolar
analog inputs in the range -1.25 V to +1.25 V
applied to this socket are biased up to the
acceptable
AD7472 input range by the on-
board bias-up circuit before being applied to
the AD7472 VIN pin.
SK5
Sub-Miniature BNC Socket for unipolar ana-
log input. Analog inputs in the acceptable
AD7472 analog input range (0 V to REFIN)
are applied to this socket. The signal is then
buffered before it is applied to the AD7472
VIN pin.
CONNECTORS
There are four connectors on the AD7472 evaluation board
as outlined in Table V.
Table V.
Connector Functions
Connector
Function
J 1
96-Way Connector for EVAL-CONTROL
BOARD interface connections.
J 2
External VDD, VSS & AGND power connec-
tor.
J 3
External VDRIVE & DGND power connec-
tor.
J 4
40-Way Connector for HIGH SPEED CON-
VERTER INTERFACE BOARD connec-
tions.
OPERATING WITH THE EVAL-CONTROL BOARD
The evaluation board can be operated in a stand-alone mode
or operated in conjunction with the EVAL-CONTROL
BOARD (with or without the HSC-INTERFACE BOARD).
This EVAL-CONTROL BOARD is available from Analog
Devices under the order entry "EVAL-CONTROL BOARD".
When interfacing directly to this control board, all supplies
and control signals to operate the AD7472 are provided by
the EVAL-CONTROL BOARD when it is run under control
of the AD7472 software which is provided with the AD7472
evaluation board package. This EVAL-CONTROL BOARD
will also operate with all Analog Devices evaluation boards
which end with the letters CB in their title.
The 96-way connector on the EVAL-AD7472CB plugs
directly into the 96-way connector on the EVAL-CON-
TROL BOARD. No power supplies are required in the
system. The EVAL-CONTROL BOARD generates all the
required supplies for itself and the EVAL-AD7472CB. The
EVAL-CONTROL BOARD is powered from a 12 V AC
transformer. This is a standard 12 V AC transformer capable
of supplying 1 A current and is available as an accessory from
Analog Devices under the following part numbers:
EVAL-110VAC-US:
For use in the U.S. or Japan
EVAL-220VAC-UK:
For use in the U.K.
EVAL-220VAC-EU:
For use in Europe
These transformers are also available for other suppliers
including Digikey (U.S.) and Campbell Collins (U.K.).
Connection between the EVAL-CONTROL BOARD and
the serial port of a PC is via a standard RS-232 cable which
is provided as part the EVAL-CONTROL BOARD pack-
age. Please refer to the manual which accompanies the
EVAL-CONTROL BOARD for more details on the EVAL-
CONTROL BOARD package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com