| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PE9084 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc. |
|
|
|||||||||||||||||||||||||||||
PE9084 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc. |
|
1 / 3 page ![]() 1 TECHNICAL DATA SHEET BNC Female to BNC Female Adapter Configuration Connector 1 BNC Female Connector 2 BNC Female Adapter Design Standard Body Style Straight Electrical Specifications Frequency Range, GHz DC to 4 Impedance, Ohms 50 Maximum Operating Voltage, Volts 500 Dielectric Withstanding Voltage, Vrms 1,500 Mechanical Specifications Temperature Operating Range,deg C -65 to +165 Size Length, in [mm] 1.28 [32.51] Width/Dia., in [mm] 0.472 [11.99] . Dielectric Type Teflon Connector 1 Type BNC Female Inner Conductor Material and Plating Brass, Gold Inner Conductor Plating Specification 30µ in. minimum Body Material and Plating Brass, Nickel Body Plating Specification 100µ in. minimum Connector 2 Type BNC Female Inner Conductor Material and Plating Brass, Gold Inner Conductor Plating Specification 30µ in. minimum Body Material and Plating Brass, Nickel Body Plating Specification 100µ in. minimum Compliance Certifications (visit www.Pasternack.com for current document) RoHS Compliant Yes BNC Female to BNC Female Adapter Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: BNC Female to BNC Female Adapter PE9084 PE9084 PE9084 REV |
Số phần tương tự - PE9084 |
|
Mô tả tương tự - PE9084 |