công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE9068 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc.

tên linh kiện PE9068
Giải thích chi tiết về linh kiện  SMA Male to SMA Female Right Angle Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9068 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9068 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9068 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9068 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male to SMA Female Right Angle Adapter
Configuration
Connector 1
SMA Male
Connector Specification 1
MIL-STD-348A
Connector 2
SMA Female
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Maximum VSWR
1.23:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.65 [16.51]
Width/Dia., in [mm]
0.315 [8]
Height, in [mm]
0.619 [15.72]
.
Dielectric Type
Teflon
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
SMA Male to SMA Female Right Angle Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Right Angle Adapter PE9068
PE9068
PE9068 REV


Số phần tương tự - PE9068

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE9063 PASTERNACK-PE9063 Datasheet
235Kb / 2P
SMA Male to SSMA Female Adapter
PE9063 PASTERNACK-PE9063 Datasheet
235Kb / 2P
SMA Male to SSMA Female Adapter
PE9064 PASTERNACK-PE9064 Datasheet
251Kb / 3P
N Male to Mini UHF Female Adapter
PE9065 PASTERNACK-PE9065 Datasheet
75Kb / 1P
MINI UHF T FEMALE-MALE-FEMALE
PE9066 PASTERNACK-PE9066 Datasheet
75Kb / 1P
MINI UHF T FEMALE-FEMALE-FEMALE
More results

Mô tả tương tự - PE9068

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pomona Electronics
4282 POMONA-4282 Datasheet
25Kb / 1P
Adapter, SMA, Male To Female, Right Angle
logo
Pasternack Enterprises,...
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9418 PASTERNACK-PE9418 Datasheet
249Kb / 3P
SMA Male to SMA Male Right Angle Adapter
PE9485 PASTERNACK-PE9485 Datasheet
255Kb / 3P
SMA Female to SMA Female Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
logo
List of Unclassifed Man...
5490 ETC2-5490 Datasheet
161Kb / 1P
SMA MALE TO SMA FEMALE RADIUS RIGHT ANGLE,, ADAPTER
logo
Pasternack Enterprises,...
PE91150 PASTERNACK-PE91150 Datasheet
175Kb / 3P
SMA Female to SMA Female Right Angle Adapter
PE9642 PASTERNACK-PE9642 Datasheet
363Kb / 4P
SMA Male to SMA Male Right Angle Adapter
PE91149 PASTERNACK-PE91149 Datasheet
397Kb / 5P
SMA Male to SMA Female Right Angle Adapter
logo
Linx Technologies
CONSMA010-G LINX-CONSMA010-G Datasheet
302Kb / 2P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com