| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z75 bảng dữ liệu(PDF) 2 Page - Rectron Semiconductor |
|
|
|||||||||||||||||||||||||||||
Z75 bảng dữ liệu(HTML) 2 Page - Rectron Semiconductor |
|
2 / 4 page ![]() OPERATING AND STORAGE TEMPERATURE - 55oC to + 150oC NOTE:1. Standard tolerance: +/-20%, Suffix “A” : +/-10% TYPE Zener Breakdown Voltage Dynamic Impedances @ 25oC TA Maximum Reverse Current @ Measurement Voltage and 25oC TA Maximum Forward Voltage @ 25oC TA @ IF = 1.0A VZ V IZT ZZT IZK ZZK VR IR VF mA Ohms mA Ohms V uA V Z140 Z150 Z160 Z170 Z180 Z190 Z200 Z220 Z240 Z270 Z300 Z330 140 150 160 170 180 190 200 220 240 270 300 330 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.75 800 1000 1100 1200 1350 1500 1700 2000 2200 2500 3000 4000 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 5500 6000 6500 6750 7000 7500 8000 8250 8500 8750 9000 9500 105 110 120 130 140 150 160 170 180 200 220 240 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 2011-03 REV:B 2. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”. 3. Available in Halogen-free epoxy by adding suffix -HF after the part nbr. |