| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7175 bảng dữ liệu(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7175 bảng dữ liệu(HTML) 13 Page - Analog Devices |
|
13 / 36 page ![]() ADV7175/ADV7176 REV. A –13– 622 623 624 625 1 2 3 4 5 67 21 22 23 DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD HSYNC BLANK VSYNC DISPLAY 309 310 311 312 313 314 315 316 317 318 319 334 335 336 DISPLAY VERTICAL BLANK ODD FIELD EVEN FIELD HSYNC BLANK DISPLAY 320 VSYNC Figure 21. Timing Mode 2 (PAL) Mode 2: Master Option. HSYNC, VSYNC, BLANK. (Timing Register 0 TR0 = X X X X X 1 0 1 ) In this mode the ADV7175/ADV7176 can generate horizontal and vertical SYNC signals. A coincident low transition of both HSYNC and VSYNC inputs indicates the start of an odd field. A VSYNC low transition when HSYNC is high indicates the start of an even field. The BLANK signal is optional. When the BLANK input is disabled the ADV7175/ADV7176 automatically blanks all normally blank lines as per CCIR-624. Mode 2 is illustrated in Figure 20 (NTSC) and Figure 21 (PAL). Figure 22 illustrates the HSYNC , BLANK and VSYNC for an even to odd field transition relative to the pixel data. Figure 23 illustrates the HSYNC, BLANK and VSYNC for an odd to even field transition relative to the pixel data. PAL = 12* CLOCK/2 NTSC = 16 * CLOCK/2 LINE 3 LINE 4 HSYNC VSYNC BLANK PIXEL DATA PAL = 132* CLOCK/2 NTSC = 118 * CLOCK/2 Cb Y Cr Y Figure 22. Timing Mode 2 Even-to-Odd Field Transition |