công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HVM5 bảng dữ liệu(PDF) 1 Page - Rectron Semiconductor

tên linh kiện HVM5
Giải thích chi tiết về linh kiện  HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECTRON [Rectron Semiconductor]
Trang chủ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HVM5 bảng dữ liệu(HTML) 1 Page - Rectron Semiconductor

  HVM5_13 Datasheet HTML 1Page - Rectron Semiconductor HVM5_13 Datasheet HTML 2Page - Rectron Semiconductor HVM5_13 Datasheet HTML 3Page - Rectron Semiconductor HVM5_13 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low cost
* Low leakage
* Isolated case
* Surge overload rating - 50 amperes peak
* Mounting position: Any
* Low forward voltage drop
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
HVM5
THRU
HVM16
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
HIGH VOLTAGE ASSEMBLIED RECTIFIER
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
NOTES:
Dimensions in millimeters
2013-01
2. Operating and Storage Temperature : -20oC to +150oC
1. Enough heat sink must be considered in application.
3. Suffix “ L “ for Wire type.
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
K Volts
K Volts
mAmps
350
50
-20 to + 150
0
C
UNITS
Maximum Average Forward Rectified Current at TA = 50oC
K Volts
Amps
HVM5
HVM10 HVM12
HVM8
HVM14 HVM15 HVM16
5
10
12
8
14
15
16
5
10
12
8
14
15
16
3.5
7.0
8.4
5.6
9.8
10.5
11.2
at Rated DC Blocking Voltage
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
uAmps
Maximum Instantaneous Forward Voltage at 0.35A DC
Volts
5.0
Maximum DC Reverse Current
HVM5
HVM10 HVM12
HVM8
HVM14 HVM15 HVM16
8.0
14.0
HVM
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0


Số phần tương tự - HVM5_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
HVM5 LRC-HVM5_11 Datasheet
284Kb / 8P
Controlled avalanche characteristic combined Low forward voltage drop
More results

Mô tả tương tự - HVM5_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
HVM20 RECTRON-HVM20 Datasheet
15Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE 20000 Volts CURRENT 0.35 Amperes)
HVM5 RECTRON-HVM5 Datasheet
224Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
HVP5 RECTRON-HVP5 Datasheet
23Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes)
R2500 RECTRON-R2500 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
R2500F RECTRON-R2500F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
WILLAS ELECTRONIC CORP
R2500F WILLAS-R2500F Datasheet
454Kb / 2P
VOLTAGE RANGE 2500 to 5000 volts CURRENT 0.2 Ampere
R2500 WILLAS-R2500 Datasheet
392Kb / 2P
VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere
logo
Rectron Semiconductor
HVM5L RECTRON-HVM5L Datasheet
234Kb / 4P
HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
HVM30L RECTRON-HVM30L Datasheet
754Kb / 3P
HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 30000 Volts CURRENT 30 mAmperes
HER2006C RECTRON-HER2006C Datasheet
118Kb / 5P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 20.0 Amperes
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com