| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7150LS170 bảng dữ liệu(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7150LS170 bảng dữ liệu(HTML) 5 Page - Analog Devices |
|
5 / 36 page ![]() ADV7150 –5– REV. A PIXEL INPUT DATA* A N+2 BN+2 C N+2 DN+2 CLOCK LOADOUT LOADIN ANALOG OUTPUT DATA t 10 t PD DIGITAL INPUT TO ANALOG OUTPUT PIPELINE A N BN C N DN *INCLUDES PIXEL DATA (R0–R7, G0–G7, B0–B7); PALETTE SELECT INPUTS (PS0–PS1); BLANK; SYNC A N+1 BN+1 C N+1 DN+1 A N B N C N D N A N+1 B N+1 C N+1 D N+1 A N–1 B N–1 C N–1 D N–1 A N+2 B N+2 C N+2 D N+2 IOR, IOR IOG, IOG IOB, IOB IPLL, SYNCOUT Figure 4. Pixel Input to Analog Output Pipeline with Minimum LOADOUT to LOADIN Delay (4:1 Multiplex Mode) DIGITAL INPUT TO ANALOG OUTPUT PIPELINE A N+2 BN+2 C N+2 DN+2 CLOCK LOADOUT PIXEL INPUT DATA* LOADIN ANALOG OUTPUT DATA A N B N C N D N A N BN C N DN A N+1 B N+1 C N+1 D N+1 A N–1 B N–1 C N–1 D N–1 A N+2 B N+2 C N+2 D N+2 t PD τ τ– t 11 *INCLUDES PIXEL DATA (R0–R7, G0–G7, B0–B7); PALETTE SELECT INPUTS (PS0–PS1); BLANK; SYNC IOR, IOR IOG, IOG IOB, IOB IPLL, SYNCOUT A N+1 BN+1 C N+1 DN+1 Figure 5. Pixel Input to Analog Output Pipeline with Maximum LOADOUT to LOADIN Delay (4:1 Multiplex Mode) |