| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV601JS bảng dữ liệu(PDF) 43 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV601JS bảng dữ liệu(HTML) 43 Page - Analog Devices |
|
43 / 52 page ![]() ADV601 –43– REV. 0 Multiplexed Philips Video Timing The diagrams in this section show transfer timing for pixel (YCrCb) data in Multiplexed Philips video mode. For line (horizontal) and frame (vertical) data transfer timing, see the Gray Scale/Philips Video Timing section. All output values assume a maximum pin loading of 50 pF. Note that in timing diagrams for Multiplexed Philips video, the label CTRL indicates the VSYNC, HSYNC and FIELD pins. Also note that for Multiplexed Philips mode the CREF pin is unused. Table XXIX. Multiplexed Philips Video—Decode and Master Pixel (YCrCb) Timing Parameters Parameter Description Min Max Unit tVDATA_DMM_D VDATA Bus, Decode Master Multiplexed Philips, Delay N/A 14 ns tVDATA_DMM_OH VDATA Bus, Decode Master Multiplexed Philips, Output Hold 2 N/A ns tCTRL_DMM_D CTRL Signals, Decode Master Multiplexed Philips, Delay N/A 11 ns tCTRL_DMM_OH CTRL Signals, Decode Master Multiplexed Philips, Output Hold 3 N/A ns (O) CTRL (O) VCLKO t CTRL_DMM_OH (O) VDATA t VDATA_DMM_OH t VDATA_DMM_D VALID VALID VALID t CTRL_DMM_D VALID VALID VALID Figure 33. Multiplexed Philips Video—Decode and Master Pixel (YCrCb) Transfer Timing Table XXX. Multiplexed Philips Video—Decode and Slave Pixel (YCrCb) Timing Parameters Parameter Description Min Max Unit tVDATA_DSM_D VDATA Bus, Decode Slave Multiplexed Philips, Delay N/A 14 ns tVDATA_DSM_OH VDATA Bus, Decode Slave Multiplexed Philips, Output Hold 2 N/A ns tCTRL_DSM_S CTRL Signals, Decode Slave Multiplexed Philips, Setup 2 N/A ns tCTRL_DSM_H CTRL Signals, Decode Slave Multiplexed Philips, Hold 42 N/A ns (I) CTRL (O) VCLKO (O) VDATA t CTRL_DSM_H VALID t VDATA_DSM_OH VALID VALID VALID t VDATA_DSM_D t CTRL_DSM_S Figure 34. Multiplexed Philips Video—Decode and Slave Pixel (YCrCb) Transfer Timing |