| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CPC7592BC bảng dữ liệu(PDF) 10 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC7592BC bảng dữ liệu(HTML) 10 Page - IXYS Corporation |
|
10 / 19 page ![]() INTEGRATED CIRCUITS DIVISION 10 www.ixysic.com R04 CPC7592 1.10 Truth Tables 1.10.1 CPC7592xA and CPC7592xB Truth Table 1.10.2 CPC7592xC Truth Table State INRINGING INTEST LATCH TSD Break Switches Ringing Switches Test Switches Talk 0 0 0 Z 1 On Off Off Test 0 1 Off Off On Ringing 1 0 Off On Off All-Off 1 1 Off Off Off Latched X X 1 Unchanged All-Off X X X 0 Off Off Off 1 Z = High Impedance. Because T SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device. State INRINGING INTEST LATCH TSD Break Switches Ringing Switches Test Switches Talk 0 0 0 Z 1 On Off Off Test/Monitor 0 1 On Off On Ringing 1 0 Off On Off Ringing Test 1 1 Off On On Latched X X 1 Unchanged All-Off X X X 0 Off Off Off 1 Z = High Impedance. Because T SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device. |