| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
0473002.MAT1L bảng dữ liệu(PDF) 2 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
0473002.MAT1L bảng dữ liệu(HTML) 2 Page - Littelfuse |
|
2 / 3 page ![]() Introduction to Circuit Protection Introduction to Circuit Protection Transientology © 2012 Littelfuse, Inc. Specifications are subject to change without notice. Axial Lead & Cartridge Fuses 473 Series Please refer to www.littelfuse.com/series/473.html for current information. PICO® ll > Slo-Blo® > 473 Series Average Time Current Curves 1000 100 10 1 0.1 0.01 1000 100 10 1 0.1 CURRENT IN AMPERES Temperature Rerating Curve Soldering Parameters Wave Parameter Lead-Free Recommendation Preheat: 100 ° C 150 ° C 60-180 seconds Solder Pot Temperature: 260 ° Solder Dwell Time: 2-5 seconds Recommended Hand-Solder Parameters: Note: These devices are not recommended for IR or Convection Reflow process. Recommended Process Parameters: continuous operation. |