| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBA17W2PFO bảng dữ liệu(PDF) 49 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBA17W2PFO bảng dữ liệu(HTML) 49 Page - ITT Industries |
|
49 / 62 page ![]() Panel Cutouts Standard Panel Cutouts Panel Cutouts Standard Shell Shell Size Mounting Method A ± 0,13 (.005) B ± 0,13 (.005) C ± 0,13 (.005) D ± 0,13 (.005) E ± 0,13 (.005) F ± 0,13 (.005) G ± 0,05 (.002) H ± 0,05 (.002) J ± 0,05 (.002) DE Front 22,19 (.874) 11,09 (.437) 24,99 (.984) 12,49 (.492) 13,03 (.513) 6,52 (.257) 3,04 (.120) 1,52 (.060) 2,10 (.083) Rear 20,47 (.806) 10,23 (.403) 24,99 (.984) 12,49 (.492) 11,40 (.449) 5,71 (.225) 3,04 (.120) 1,52 (.060) 3,35 (.132) DA Front 30,53 (1.202) 15,26 (.601) 33,32 (1.312) 16,66 (.656) 13,03 (.513) 6,52 (.257) 3,04 (.120) 1,52 (.060) 2,10 (.083) Rear 28,80 (1.134) 14,40 (.567) 33,32 (1.312) 16,66 (.656) 11,40 (.449) 5,71 (.225) 3,04 (.120) 1,52 (.060) 3,35 (.132) DB Front 44,27 (1.743) 22,14 (.872) 47,04 (1.852) 23,52 (.926) 13,03 (.513) 6,52 (.257) 3,04 (.120) 1,52 (.060) 2,10 (.083) Rear 42,51 (1.674) 21,25 (.837) 47,04 (1.852) 23,52 (.926) 11,40 (.449) 5,71 (.225) 3,04 (.120) 1,52 (.060) 3,35 (.132) DC Front 60,73 (2.391) 30,37 (1.196) 63,50 (2.500) 31,75 (1.250) 13,03 (.513) 6,52 (.257) 3,04 (.120) 1,52 (.060) 2,10 (.083) Rear 59,08 (2.326) 29,54 (1.163) 63,50 (2.500) 31,75 (1.250) 11,40 (.449) 5,71 (.225) 3,04 (.120) 1,52 (.060) 3,35 (.132) DD Front 58,34 (2.297) 29,18 (1.149) 61,11 (2.406) 30,55 (1.203) 15,82 (.623) 7,92 (.312) 3,04 (.120) 1,52 (.060) 2,10 (.083) Rear 56,33 (2.218) 28,16 (1.109) 61,11 (2.406) 30,55 (1.203) 14,09 (.555) 7,06 (.278) 3,04 (.120) 1,52 (.060) 3,35 (.132) Standard Cutout Rear Mounting Cutout (Optional) Front Panel Mounting ll e h S t n u o M t a o l F l a u D ll e h S d r a d n a t S Rear Panel Mounting ll e h S t n u o M t a o l F l a u D ll e h S d r a d n a t S Dual Float Mount Shell Shell Size Mounting Method A ± 0,13 (.005) B ± 0,13 (.005) C ± 0,13 (.005) D ± 0,13 (.005) E ± 0,13 (.005) F ± 0,13 (.005) G ± 0,05 (.002) H ± 0,05 (.002) J ± 0,05 (.002) DE Front 23,01 (.906) 11,50 (.453) 24,99 (.984) 12,49 (.492) 13,84 (.545) 6,93 (.273) 2,23 (.088) 1,11 (.044) 2,10 (.083) Rear 21,28 (.838) 10,64 (.419) 24,99 (.984) 12,49 (.492) 12,21 (.481) 6,12 (.241) 2,23 (.088) 1,11 (.044) 3,35 (.132) DA Front 31,34 (1.234) 15,67 (.617) 33,32 (1.312) 16,66 (.656) 13,84 (.545) 6,93 (.273) 2,23 (.088) 1,11 (.044) 2,10 (.083) Rear 29,61 (1.166) 14,80 (.583) 33,32 (1.312) 16,66 (.656) 12,21 (.481) 6,12 (.241) 2,23 (.088) 1,11 (.044) 3,35 (.132) DB Front 45,08 (1.775) 22,55 (.888) 47,04 (1.852) 23,52 (.926) 13,84 (.545) 6,93 (.273) 2,23 (.088) 1,11 (.044) 2,10 (.083) Rear 43,33 (1.706) 21,66 (.853) 47,04 (1.852) 23,52 (.926) 12,21 (.481) 6,12 (.241) 2,23 (.088) 1,11 (.044) 3,35 (.132) DC Front 61,54 (2.423) 30,78 (1.212) 63,50 (2.500) 31,75 (1.250) 13,84 (.545) 6,93 (.273) 2,23 (.088) 1,11 (.044) 2,10 (.083) Rear 59,79 (2.354) 29,89 (1.177) 63,50 (2.500) 31,75 (1.250) 12,21 (.481) 6,12 (.241) 2,23 (.088) 1,11 (.044) 3,35 (.132) DD Front 59,15 (2.329) 29,59 (1.165) 61,11 (2.406) 30,55 (1.203) 16,63 (.655) 8,33 (.328) 2,23 (.088) 1,11 (.044) 2,10 (.083) Rear 57,15 (2.250) 28,57 (1.125) 61,11 (2.406) 30,55 (1.203) 14,90 (.587) 7,46 (.294) 2,23 (.088) 1,11 (.044) 3,35 (.132) C C-49 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 49 |