| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEM2W2SA197 bảng dữ liệu(PDF) 16 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM2W2SA197 bảng dữ liệu(HTML) 16 Page - ITT Industries |
|
16 / 62 page ![]() C C-16 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change Cannon Straight PCB, High Density Plug Military/High Reliability D-Subminiature High Density Straight PC Tail Shell Size Layout Through Hole Dual Float Mount DE 15 DEM15PM* DEMY15PM* DA 26 DAM26PM* DAMY26PM* DB 44 DBM44PM* DBMY44PM* DC 62 DCM62PM* DCMY62PM* DD 78 DDM78PM* DDMY78PM* Dimensions Plug • For contact cavity arrangements, see pages C-44. • For P.C. hole pattern, see pages C-47. • For panel cutouts, see page C-49. Note: For Residual Magnetism Level of 200 gamma, add NMBK52. Example DEMA15PMNMBK52 and shells with 50 microinches gold. For alternate PC tail modifiers (see tabulation), replace with OL3 or Z. Example: DEM15PZNM Shell A B C D E F W W K K L size ± 0,38 (.015) ± 0,13 (.005) ± 0,13 (.005) ± 0,13 (.005) ± 0,38 (.015) ± 0,25 (.010) ± 0,368 (.0145) ± 0,41 (.016) ± 0,317 (.0125) ± 0,25 (.010) ± 0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (8,36) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) - 1,206 (.0475) - 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) - 1,206 (.0475) - 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) - 6.84 (.269) - 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) - 6.84 (.269) - 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) - 6.84 (.269) - 1,52 (.060) 0,99 (.039) DF 69.34 (2.73) 55,0 (2.16) 63,50 (2.50) 15,49 (0.61) 20,07 (0.79) 16,45 (.648) 6,94 (.273) 1,206 (.0475) 0.76 (.030) DD Configuration 0,51Ø (.020) X 1,98 (.078) 3,96 (.156) L K Engaging Face A C B 10 ° E D Ø 3,05 (.120) F W Note: D size connectors have 4 rows of contacts F size connectors have 5 rows of contacts PC Tail Modifiers X M 4.01 ± 0,69 (.158 ± .027) Q 7,62 ± 0,5 (.300 ± .020) 0L3 4,82 ± 1,5 (.190 ± .020) 0L3 for HE501 connectors and ESA equivalents ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 16 |