| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMCF340BST bảng dữ liệu(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF340BST bảng dữ liệu(HTML) 40 Page - Analog Devices |
|
40 / 40 page ![]() REV. 0 –40– ADMCF340 64-Lead Thin Plastic Quad Flatpack [LQFP] (ST-64) Dimensions shown in millimeters and (inches) TOP VIEW (PINS DOWN) 1 16 17 33 32 48 49 64 0.35 (0.0138) 0.80 (0.0315) BSC 16.25 (0.6398) 16.00 (0.6299) SQ 15.75 (0.6201) 14.10 (0.5551) 14.00 (0.5512) SQ 13.90 (0.5472) 1.60 (0.0630) MAX SEATING PLANE 0.10 (0.0039) MAX LEAD COPLANARITY 0.75 (0.0295) 0.60 (0.0236) 0.45 (0.0177) 12 TYP 10 6 2 0.17 (0.0067) MAX 7 0 1.45 (0.0571) 1.40 (0.0551) 1.35 (0.0531) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN OUTLINE DIMENSIONS |