| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMC401-PB bảng dữ liệu(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC401-PB bảng dữ liệu(HTML) 39 Page - Analog Devices |
|
39 / 60 page ![]() ADMC401 –39– REV. B EIU/EET Registers The structure and functionality of the EIU and EET registers are illustrated at the end of the data sheet. The characteristics of the EIU block at 26 MHz are given in Table VI. PROGRAMMABLE DIGITAL INPUT/OUTPUT OVERVIEW The ADMC401 has 12 programmable digital input/output pins called PIO0 to PIO11. Each pin may be individually configured as either an input or an output. An associated data register may be used to read data from pins configured as inputs and write data to pins configured as outputs. In addition, each I/O line may be configured as an interrupt source. Both edge (rising and falling) and level (high and low) interrupts may be detected. Four of the PIO lines (PIO0 to PIO3) have dedicated vector addresses in the interrupt table. The remaining eight interrupts (PIO4 to PIO11) are multiplexed into a single additional inter- rupt vector location. The PIOFLAG register is used to deter- mine which line caused the interrupt. In addition, all PIO lines may be alternatively configured as PWM trip sources. The PIOPWM register has dedicated bits that may be used to enable this function on each PIO line. In this mode, a low level on any pins configured as a PWM trip source shuts down the PWM in a manner identical to the PWMTRIP pin. PIO CONFIGURATION Each of the 12 programmable input/output lines may be config- ured as either an input or an output by programming the appro- priate bits of the PIODIR register. This 12-bit register has one bit associated with each I/O line; Bit 0 corresponds to PIO0, etc. Clearing a bit in the PIODIR register will configure the corre- sponding pin as an input line. Conversely, setting a bit config- ures the pin as an output pin. On reset, all bits of the PIODIR register are cleared so that all 12 PIO pins are configured as inputs. In addition, all PIO lines have internal pull-down resistors in the ADMC401 so that unconnected lines are seen as low level inputs. PIO DATA READING/WRITING Associated with the PIO system is a data register, PIODATA, that also has a bit associated with each I/O line. Data written to the PIODATA register will appear on those pins configured as outputs. Reading the PIODATA register will read the data from those pins configured as inputs. PIO INTERRUPT GENERATION Each of the 12 PIO lines may be configured as an interrupt source. Four of the PIO lines, PIO0 to PIO3, have dedicated interrupt vector locations, whereas the remaining eight are mul- tiplexed into an additional interrupt vector. The PIOINTEN register is used to enable or disable the interrupt mode on the PIO4 to PIO11 lines. The PICMASK register of the program- mable interrupt controller is used to enable interrupts on the four dedicated PIO lines, PIO0 to PIO3, and to enable the usage of PIOINTEN for interrupts on the other PIOs. Interrupts may be generated on either edge (rising or falling) or level (high or low) events by programming the appropriate bits of both the PIOMODE and PIOLEVEL registers. Both registers have a dedicated bit for each of the twelve PIO lines. Setting the appropriate bit of the PIOMODE register configures the inter- rupt as level sensitive whereas clearing the bit configures the interrupt for edge sensitive. In level-sensitive mode (PIOMODE bit is 1), setting the corresponding bit in the PIOLEVEL regis- ter configures the interrupt as active high, whereas clearing the bit configures it for active low. In edge-sensitive mode (PIOMODE bit is 0), setting the corresponding bit of the PIOLEVEL register configures the interrupt for rising edge, whereas clearing the bit configures the interrupt for falling edge. On reset, all PIO inter- rupts are disabled. The four dedicated PIO interrupts from PIO0 to PIO3 have interrupt vector addresses at program memory addresses 0x0048 for PIO0, 0x004C for PIO1, 0x0050 for PIO2 and 0x0054 for PIO3. In the event of an interrupt on PIO4 to PIO11, the corre- sponding bit of the PIOFLAG register is set and the general PIO interrupt is activated. This interrupt has a dedicated vector address at location 0x003C. In the interrupt service routine for this interrupt, the user must poll the PIOFLAG register to de- termine which of the PIO4 to PIO11 lines, that have interrupts enabled, caused the interrupt. Of course, if only one of the PIO4 to PIO11 lines has interrupts enabled, no polling is necessary. PIO lines that are configured as outputs may also be used to generate interrupts. If, for example, one of the PIO lines is con- figured simultaneously as an output and as an interrupt source, writing the appropriate data sequence to that line will trigger an interrupt. PIO AS PWMTRIP SOURCES By setting the appropriate bits of the PIOPWM register, each of the twelve PIO lines can be configured as a PWM shutdown source. In this mode, a low level on the PIO pin will cause a PWM shutdown command that will disable all six PWM out- puts on AH to CL. Since the disabling of the PWM is indepen- dent of the DSP clock, so that the PWM stage can be fully protected even in the event of a loss of clock signal to the DSP. In addition, a PWMTRIP interrupt will be generated when the PWM is shutdown. However, it is also possible to generate the normal PIO interrupts on the occurrence of a falling-edge on the PIO line. The advantage of this highly flexible structure for PWM shutdown is that multiple fault signals could be applied to the ADMC401 at different PIO lines. The occurrence of a falling- Table VI. Fundamental Characteristics of Encoder Interface Unit of ADMC401 (At 26 MHz) Parameter Test Conditions Min Typ Max Unit fENC Encoder Input (EIA, EIB) Rate 4.33 MHz fQUAD Quadrature Rate 17.3 MHz Encoder Loop Timer Timeout Rate 38.5 ns 0.645 sec TMINENC Minimum Encoder Pulsewidth EIUFILTER = 0x00 116 ns EIUFILTER = 0x3F 7.39 µs |