| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMC326YR bảng dữ liệu(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC326YR bảng dữ liệu(HTML) 31 Page - Analog Devices |
|
31 / 31 page ![]() ADMC326 –31– REV. A 1 1 1 1 1 1 1 11 1 1 11 1 1 1 DM (0x3FFE) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MEMWAIT (R/W) 1 1 0 0 0 0 00 0 1 01 1 1 1 SPORT1 CONFIGURE 0 = FI, FO, IRQ0, IRQ1, SCLK 1 = SERIAL PORT SPORT1 ENABLE 0 = DISABLED 1 = ENABLED SYSCNTL (R/W) DM (0x3FFF) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 Figure 27. Configuration of Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field. OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 28-Lead Plastic DIP (N-28) 0.195 (4.95) 0.125 (3.18) 0.015 (0.381) 0.008 (0.204) 0.625 (15.87) 0.600 (15.24) 28 114 15 PIN 1 0.580 (14.73) 0.485 (12.32) 1.565 (39.70) 1.380 (35.10) SEATING PLANE 0.060 (1.52) 0.015 (0.38) 0.250 (6.35) MAX 0.022 (0.558) 0.014 (0.356) 0.200 (5.05) 0.125 (3.18) 0.150 (3.81) MIN 0.100 (2.54) BSC 0.070 (1.77) MAX 28-Lead Wide-Body SOIC (R-28) SEATING PLANE 0.0118 (0.30) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.1043 (2.65) 0.0926 (2.35) 0.0500 (1.27) BSC 0.0125 (0.32) 0.0091 (0.23) 0.0500 (1.27) 0.0157 (0.40) 8 0 0.0291 (0.74) 0.0098 (0.25) x 45 0.7125 (18.10) 0.6969 (17.70) PIN 1 28 15 14 1 |